Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8556ETE+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8556ETE+
Description  4A Ultra-Low-Input-Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8556ETE+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8556ETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX8556ETE+ Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4A Ultra-Low-Input-Voltage
LDO Regulators
8
_______________________________________________________________________________________
Applications Information
Output Voltage Selection
The MAX8556/MAX8557 feature an adjustable output
voltage from 0.5V to 3.4V. Set the output voltage using
an external resistor-divider from the output to GND with
FB connected to the center tap as shown in Figures 1
and 2. Choose R3
≤ 1kΩ for light-load stability.
Determine R2 using the following equation:
where VOUT is the desired output voltage and VFB is 0.5V.
Capacitor Selection and
Regulator Stability
Capacitors are required at the MAX8556/MAX8557
inputs and outputs for stable operation over the full
temperature range and with load currents up to 4A.
Connect 2 x 10µF capacitors between IN and GND and
2 x 10µF low equivalent-series-resistance (ESR) capac-
itors between OUT and GND. The input capacitor (CIN)
lowers the source impedance of the input supply. If the
MAX8556/MAX8557s’ input is close to the output of the
source supply, a smaller input capacitance can be
used. Otherwise, 2 x 10µF ceramic input capacitors are
recommended. The output capacitor’s (COUT) ESR
affects output noise and may affect output stability. Use
output capacitors with an ESR of 0.05
Ω or less to
ensure stability and optimum transient dropout. For
good output transient performance, use the following
formula to select a minimum output capacitance:
COUT = IOUT(MAX) x 1µF/200mA
Noise, PSRR, and Transient Response
The MAX8556/MAX8557 are designed to operate with
low-dropout voltages and low quiescent currents while
still maintaining low noise, good transient response,
and high AC rejection (see the
Typical Operating
Characteristics for a plot of Power-Supply Rejection
Ratio (PSRR) vs. Frequency). When operating from
noisy sources, improved supply-noise rejection and
transient response can be achieved by increasing the
values of the input and output bypass capacitors and
through passive filtering techniques. The MAX8556/
MAX8557 load-transient response graphs (see the
Typical Operating Characteristics) show two compo-
nents of the output response: a DC shift from the output
impedance due to the load current change, and the
transient response. A typical transient overshoot for a
step change in the load current from 40mA to 4A is
40mV. Use an output capacitance from 20µF to 120µF
to attenuate the overshoot.
RR
x
V
V
OUT
FB
23
1
=−
⎝⎜
⎠⎟
IN
7–11
13
14
15
POR
POR
GND
SHUTDOWN
OUT
FB
1–6
12
R1
100k
R2
2k
R3
1k
C1
2 x 10
µF
C2
2 x 10
µF
18
N.C.
U2
EN
ENABLED
VIN
1.7V TO 3.6V
VOUT
1.5V AT 4A
MAX8557
Figure 2. MAX8557 Typical Application Circuit
IN
7–11
13
14
15
POK
POK
GND
SHUTDOWN
OUT
FB
1–6
12
R1
100k
R2
1.4k
R3
1k
C1
2 x 10
µF
C2
2 x 10
µF
18
N.C.
U1
EN
ENABLED
VIN
1.425V TO 3.6V
VOUT
1.2V AT 4A
MAX8556
Figure 1. MAX8556 Typical Application Circuit


Similar Part No. - MAX8556ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8556ETE MAXIM-MAX8556ETE Datasheet
165Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A July 19, 2004
MAX8556ETE MAXIM-MAX8556ETE Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
More results

Similar Description - MAX8556ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556 Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601_1 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
STMicroelectronics
LD56020 STMICROELECTRONICS-LD56020 Datasheet
1Mb / 23P
   Low input voltage, 200 mA ultra-low noise LDO
Rev 1 - March 2022
logo
Richtek Technology Corp...
RT9094A RICHTEK-RT9094A Datasheet
248Kb / 15P
   2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start
January 2022
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com