Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDE0000G Datasheet(PDF) 6 Page - Rohm

Part # BDE0000G
Description  Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDE0000G Datasheet(HTML) 6 Page - Rohm

  BDE0000G Datasheet HTML 1Page - Rohm BDE0000G Datasheet HTML 2Page - Rohm BDE0000G Datasheet HTML 3Page - Rohm BDE0000G Datasheet HTML 4Page - Rohm BDE0000G Datasheet HTML 5Page - Rohm BDE0000G Datasheet HTML 6Page - Rohm BDE0000G Datasheet HTML 7Page - Rohm BDE0000G Datasheet HTML 8Page - Rohm BDE0000G Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BDE□□□0G Series
Technical Note
6/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data
0
5
10
15
20
25
0
123
456
78
VDD [V]
Fig1. VTemp Voltage vs. Temperature
(Temperature Sensitivity)
Fig2. Supply Current vs. Supply Voltage
Fig3. VTemp Voltage vs. Supply Voltage
-200
-175
-150
-125
-100
-75
-50
-25
0
25
012
345
ITemp [uA]
Fig4. VTemp Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-80 -40
0
40
80
120 160
Temperature [℃]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
01
234
5678
VDD [V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
IOS [mA]
Fig5. OS Output Voltage vs. Load Current
VDD=3V, Ta=25℃
VDD=3V, Ta=25℃
Ta=25℃
Ta=25℃
VDD=3V


Similar Part No. - BDE0000G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0600G ROHM-BDE0600G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0600G ROHM-BDE0600G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0600G-TR ROHM-BDE0600G-TR Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0700G ROHM-BDE0700G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results

Similar Description - BDE0000G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com