Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6789TB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6789TB+
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6789TB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6789TB+ Datasheet HTML 1Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 2Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 3Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 4Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 5Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 6Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 7Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 8Page - Maxim Integrated Products MAX6789TB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
________________________________________________________________
Maxim Integrated Products
1
19-0541; Rev 3; 3/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
Features
The MAX6782–MAX6790 are low-power, 1% accurate,
dual-/triple-/quad-level battery monitors offered in small
TDFN and TQFN packages. These devices are ideal for
monitoring single lithium-ion (Li+) cells, or multicell alka-
line/NiCd/NiMH power sources. These devices feature
fixed and adjustable hysteresis options to eliminate out-
put chattering associated with battery-voltage monitors.
The MAX6782/MAX6783 offer four battery monitors in a
single package with factory-set (0.5%, 5%, 10%) or
adjustable hysteresis. The MAX6784/MAX6785 provide
three battery monitors with factory-set (0.5%, 5%, 10%)
or adjustable hysteresis. The MAX6786/MAX6787/
MAX6788 offer two battery monitors with external inputs
for setting the rising and falling thresholds, allowing
external hysteresis control. The MAX6789/MAX6790 fea-
ture quad-level overvoltage detectors with complemen-
tary outputs.
The MAX6782–MAX6790 are offered with either open-drain
or push-pull outputs. The MAX6782/MAX6784/MAX6786/
MAX6789 are available with push-pull outputs while the
MAX6783/MAX6785/MAX6787/MAX6790 are available with
open-drain outputs. The MAX6788 is available with one
open-drain output and one push-pull output (see the
Selector Guide). This family of devices is offered in space-
saving TDFN and TQFN packages and is fully specified
over the -40°C to +85°C extended temperature range.
Ordering Information
Selector Guide
Applications
Ordering Information continued at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
The MAX6782/MAX6783/MAX6784/MAX6785 are available with
factory-trimmed hysteresis. Specify trim by replacing “_” with
“A” for 0.5%, “B” for 5%, or “C” for 10% hysteresis.
Pin Configuration and Typical Operating Circuit appear at
end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6782TE_+
-40°C to +85°C
16 TQFN-EP*
MAX6783TE_+
-40°C to +85°C
16 TQFN-EP*
MAX6784TC_+
-40°C to +85°C
12 TQFN-EP*
MAX6785TC_+
-40°C to +85°C
12 TQFN-EP*
PART
MONITOR LEVEL
LBO OUTPUT
OV
OV
OUTPUT TYPE
HYSTERESIS
MAX6782TE_+
4
Quad
Push-Pull
Fixed/Adj
MAX6783TE_+
4
Quad
Open Drain
Fixed/Adj
MAX6784TC_+
3
Triple
Push-Pull
Fixed/Adj
MAX6785TC_+
3
Triple
Open Drain
Fixed/Adj
MAX6786TA+
2
Dual
Push-Pull
Adj
MAX6787TA+
2
Dual
Open Drain
Adj
MAX6788TA+
2
Dual
Push-Pull/Open Drain
Adj
MAX6789TB+
4
Single
Single
Push-Pull
MAX6790TB+
4
Single
Single
Open Drain
Note: All devices are available in tape and reel in 2.5k increments. For tape and reel orders, add a “T” after the “+” to complete the part
number.
Battery-Powered Systems
(Single-Cell Li+ or
Multicell NiMH, NiCd,
Alkaline)
Cell Phones/Cordless
Phones
Pagers
Portable Medical Devices
PDAs
Electronic Toys
MP3 Players
o 1% Accurate Threshold Specified Over Full
Temperature Range
o Dual-/Triple-/Quad, Low-Battery Output Options
o Low 5.7µA Battery Current
o Open-Drain or Push-Pull Outputs
o Fixed or Adjustable Hysteresis
o Low Input Bias Current
o Guaranteed Valid Low-Battery-Output Logic State
Down to VBATT = 1.05V
o Reverse-Battery Protection
o Immune to Short Battery Transients
o Fully Specified from -40°C to +85°C
o Small TDFN and TQFN Packages


Similar Part No. - MAX6789TB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6789TB++ MAXIM-MAX6789TB+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
More results

Similar Description - MAX6789TB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com