Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1620FVC-TR Datasheet(PDF) 3 Page - Rohm

Part # BH1620FVC-TR
Description  Analog Current Output Type Ambient Light Sensor IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1620FVC-TR Datasheet(HTML) 3 Page - Rohm

  BH1620FVC-TR Datasheet HTML 1Page - Rohm BH1620FVC-TR Datasheet HTML 2Page - Rohm BH1620FVC-TR Datasheet HTML 3Page - Rohm BH1620FVC-TR Datasheet HTML 4Page - Rohm BH1620FVC-TR Datasheet HTML 5Page - Rohm BH1620FVC-TR Datasheet HTML 6Page - Rohm BH1620FVC-TR Datasheet HTML 7Page - Rohm BH1620FVC-TR Datasheet HTML 8Page - Rohm BH1620FVC-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BH1620FVC
Technical Note
3/9
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Reference Data
Fig.9 IOUT VCC dependency
Fig.2 Light Source Dependency
( Fluorescent Light is set to '1' )
Fig.8 IOUT Temperature dependency
( 100 lx )
Fig.1 Spectral Response
Fig.3 Illuminance – IOUT
Characteristics
Fig.4 Directional Characteristics 1
Fig.5 Directional Characteristics 2
Fig.6 Ta – IOUT ( 0 lx )
Fig.7 Ta – ICC ( 0 lx )
Fig.10 Illuminance – Wake up Time
受信指向角特性
暗電流温特
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
-
+
-
+
-
+
-
+
1pin
1pin
0.0
0.2
0.4
0.6
0.8
1.0
1.2
400
500
600
700
800
900
1000
1100
Wavelength [ nm ]
0.001
0.01
0.1
1
10
100
-40 -20
0
20 40 60 80 100
Ta [ ℃ ]
L-Gain
H-Gain
SD
M-Gain
0.001
0.01
0.1
1
10
100
-40
-20
0
20406080
100
Ta [ ℃ ]
H-Gain
M-Gain
SD
L-Gain
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-20
0
20
40
60
80
100
Ta [ ℃ ]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC [ V ]
H-Gain
L-Gain
M-Gain
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
1
100
10,000
1,000,000
Illuminance [ lx ]
1
10
100
1000
10000
100
1000
10000
Illuminance [ lx ]
H-Gain
M-Gain
L-Gain
00.5
11.52
Fluorescent
Light
Incandescent
Light
Halogen Light
Kripton Light
Artifical Sun
Light
White LED
Ratio
0.01


Similar Part No. - BH1620FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1620FVC ROHM-BH1620FVC Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH1620FVC-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC Datasheet
266Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1682FVC ROHM-BH1682FVC Datasheet
1Mb / 15P
   Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC_12 Datasheet
502Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1621FVC ROHM-BH1621FVC Datasheet
293Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com