Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6782TE_+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6782TE_+
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6782TE_+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6782TE_+ Datasheet HTML 1Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 2Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 3Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 4Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 5Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 6Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 7Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 8Page - Maxim Integrated Products MAX6782TE_+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBATT
≥ 1.6V, ISOURCE = 10µA, output
asserted
0.8 x
VBATT
VBATT
≥ 2.7V, ISOURCE = 500µA, output
asserted
0.8 x
VBATT
OV Output High Voltage (Push-
Pull ) (Note 5)
VOH
VBATT
≥ 4.5V, ISOURCE = 800µA, output
asserted
0.8 x
VBATT
V
OV Output Leakage Current
(Open Drain)
Output asserted, VOV = 0 or 5V
500
nA
CLEAR Input Low Voltage
VIL
0.3 x
VBATT
V
CLEAR Input High Voltage
VIH
0.7 x
VBATT
V
CLEAR Pullup Resistance
25
80
k
CLEAR Minimum Pulse Width
1
µs
CLEAR Delay Time
tCLD
300
ns
Note 1: Devices are tested at TA = +25°C and guaranteed by design for TA = TMIN to TMAX as specified.
Note 2: Operating voltage range ensures low battery output is in the correct state. Minimum battery voltage for electrical specifica-
tion is 1.6V.
Note 3: Reference and threshold accuracy is only guaranteed after the startup time. Startup time is guaranteed by design.
Note 4: The rising threshold is guaranteed to be higher than the falling threshold.
Note 5: The source current is the total source current from all outputs.


Similar Part No. - MAX6782TE_+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6782TEA++ MAXIM-MAX6782TEA+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782TEB++ MAXIM-MAX6782TEB+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782TEC++ MAXIM-MAX6782TEC+ Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
More results

Similar Description - MAX6782TE_+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com