Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDE0800G Datasheet(PDF) 1 Page - Rohm

Part # BDE0800G
Description  Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDE0800G Datasheet(HTML) 1 Page - Rohm

  BDE0800G Datasheet HTML 1Page - Rohm BDE0800G Datasheet HTML 2Page - Rohm BDE0800G Datasheet HTML 3Page - Rohm BDE0800G Datasheet HTML 4Page - Rohm BDE0800G Datasheet HTML 5Page - Rohm BDE0800G Datasheet HTML 6Page - Rohm BDE0800G Datasheet HTML 7Page - Rohm BDE0800G Datasheet HTML 8Page - Rohm BDE0800G Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Small and High Accuracy Temperature Sensor IC Series
Detect TemperatureChangeable
Thermostat Output Temperature Sensor IC
BDE□□□0G Series
Description
Low quiescent current (16µA), high accuracy thermostat (temperature switch) ICs. Built in temperature sensor, reference
voltage regulator, D/A converter, and comparator. Detecting temperature by itself, OS terminal state is changed at logically.
Open Drain Output ( Active L ) is available in BDE□□□0G series.
Features
1) Detection Temperature Range -25~+125℃ by 15 products.
2) ±5℃ Step Selectable Detection Temperature with CTRL.
3) Hysteresis Temperature ( typically 10℃ )
4) High Accuracy Analog Output ( typically ±3.5℃@Ta=30℃ )
5) Analog Output Temperature Sensitivity ( typically -10.8mV/℃ )
6) Low Supply Current ( typically 16µA )
7) Small Package ( typically 2.90mm×2.80mm×1.25mm )
8) ESD Rating 8kV ( HBM )
9) Excellent Ripple Rejection Characteristic
Applications
Thermal Protection for Electrical Equipment (NoteBook PC, Cell phone, FPD-TV, etc.) FAN Control for Thermal Management
Products Line up
BDE
□□□
0
G
Detection Temperature
Output Format
Package
(Center Temperature)
(OpenDrain, Active Low)
(SSOP5)
120:120℃
040: 40℃
110:110℃
030: 30℃
100:100℃
020: 20℃
090: 90℃
010: 10℃
080: 80℃
000: 0℃
070: 70℃
910:-10℃
060: 60℃
920:-20℃
050: 50℃
Temperature / Output Format Table
CTRL status description ( L : Low, O : Open, H : High )
Product
Name
Detection
Temperature (℃)
OS Output Format
Product
Name
Detection
Temperature (℃)
OS Output Format
CTRL
CTRL
L
H
O
L
H
O
BDE1200G
115
120 125 Open Drain Active L
eA
BDE0400G
35
40
45 Open Drain Active L
eJ
BDE1100G
105
110
115 Open Drain Active L
eB
BDE0300G
25
30
35 Open Drain Active L
eK
BDE1000G
95
100 105 Open Drain Active L
eC
BDE0200G
15
20
25 Open Drain Active L
eL
BDE0900G
85
90
95 Open Drain Active L
eD
BDE0100G
5
10
15 Open Drain Active L eM
BDE0800G
75
80
85 Open Drain Active L
eE
BDE0000G
-5
0
5
Open Drain Active L
eN
BDE0700G
65
70
75 Open Drain Active L
eF
BDE9100G
-15
-10
-5
Open Drain Active L
eP
BDE0600G
55
60
65 Open Drain Active L eG
BDE9200G
-25
-20
-15 Open Drain Active L eQ
BDE0500G
45
50
55 Open Drain Active L
eH
No.09047EAT03


Similar Part No. - BDE0800G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDE0800G ROHM-BDE0800G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0800G ROHM-BDE0800G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0800G ROHM-BDE0800G Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results

Similar Description - BDE0800G

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com