Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDJ0901HFV Datasheet(PDF) 2 Page - Rohm

Part # BDJ0901HFV
Description  Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0901HFV Datasheet(HTML) 2 Page - Rohm

  BDJ0901HFV Datasheet HTML 1Page - Rohm BDJ0901HFV Datasheet HTML 2Page - Rohm BDJ0901HFV Datasheet HTML 3Page - Rohm BDJ0901HFV Datasheet HTML 4Page - Rohm BDJ0901HFV Datasheet HTML 5Page - Rohm BDJ0901HFV Datasheet HTML 6Page - Rohm BDJ0901HFV Datasheet HTML 7Page - Rohm BDJ0901HFV Datasheet HTML 8Page - Rohm BDJ0901HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical Note
2/9
BDJ□□□1HFV Series
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
ABSOLUTE MAXIMUM RATINGS ( Ta = 25℃ )
PARAMETERS
SYMBOL
LIMIT
UNIT
Power Supply Voltage
VDD
-0.3 to 7.0
*1
V
Input Voltage ( PD )
VIN
-0.3 to VDD+0.3
V
OS terminal Voltage
VOS
-0.3 to 7.0
*1
V
OS terminal Current
IOS
5.0
mA
Power dissipation
Pd
536
*2
mW
Storage Temperature Range
Tstg
-55 to 150
*1. Not to exceed Pd
*2. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃
mounted on 70mm×70mm×1.6mm Glass-epoxy PCB )
RECOMMENDED OPERATING CONDITION
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
VDD
2.4
2.8
5.5
V
Operating Temperature Range
Topr
-30
-
100
ELECTRICAL CHARACTERISTICS ( unless otherwise specified, VDD = 2.8V, Ta = 25℃ )
PARAMETER
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN.
TYP.
MAX.
Supply Current
Normal function mode
IDD
-
7.5
12.0
μ
A
PD="H"
Power Down mode
IDDPD
-0.3
1.0
μ
A
PD="L"
PD
Input L Voltage
VIL
GND
-
0.2
V
Input H Voltage
VIH
1.5
-
VDD
V
PD Leakage Current
ILPD
--
1.0
μ
A
PD=2.8V
Analog Output
VTemp Output Voltage
Vtemp
1.279
1.300 1.321
V
Ta = 30℃
VTemp Temperature Sensitivity
VSE
-8.00
-8.20
-8.40
mV/℃
Ta = -30 to 100℃
VTemp Load Regulation
VtempRL
-
-
1.0
mV
difference of
IOUT : 0μA / 2μA
Vtemp VDD Regulation
VtempVDD
-
-
4.0
mV
VDD=2.4~5.5V
OS Output Open Drain
OS Leakage Current
IL
--
1.0
μ
A
VOS =5.0V
OS Output Voltage
VOL
--
0.4
V
IOS = 1.0mA
Radiation hardiness is not designed.
TEMPERATURE ACCURACY ( unless otherwise specified, VDD = 2.8V )
PARAMETER
SYMBOL
LIMIT
UNIT
CONDITIONS
MIN.
TYP.
MAX.
Thermostat
Sensing Temperature Accuracy
Tacc
-
±
1.0
±
2.5
Sensing Temperature
Hysteresis
Thys
7.5
10.0
12.5
Analog Output
Vtemp Temperature Accuracy
Ttemp
-
±
1.0
±
2.5
VDD = 2.8V
Ta = -30 to 100℃


Similar Part No. - BDJ0901HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0901HFV ROHM-BDJ0901HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results

Similar Description - BDJ0901HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com