Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3111E Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3111E
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111E Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3111E Datasheet HTML 3Page - Maxim Integrated Products MAX3111E Datasheet HTML 4Page - Maxim Integrated Products MAX3111E Datasheet HTML 5Page - Maxim Integrated Products MAX3111E Datasheet HTML 6Page - Maxim Integrated Products MAX3111E Datasheet HTML 7Page - Maxim Integrated Products MAX3111E Datasheet HTML 8Page - Maxim Integrated Products MAX3111E Datasheet HTML 9Page - Maxim Integrated Products MAX3111E Datasheet HTML 10Page - Maxim Integrated Products MAX3111E Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ns
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX3111E (continued)
(VCC = +3.0V to +3.6V, VA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +3.3V, TA = +25°C.) (Note 2)
Note 2: All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device
ground unless otherwise noted.
Note 3: ICCSHDN(H) represents a hardware-only shutdown. In hardware shutdown, the UART is in normal operation and the charge
pumps for the RS-232 transmitters are shut down.
Note 4: ICCSHDN(H+S) represents a simultaneous software and hardware shutdown in which the UART and charge pumps are
shut down.
Note 5: Transmitter skew is measured at the transmitter zero cross points.
Receiver input to receiver output
RL = 3k
Ω, CL = 1000pF,
one-transmitter switching
VCC = 3.3V,
RL = 3k
Ω to 7kΩ,
TA = +25°C,
measured from
+3V to -3V or
-3V to +3V
CL = 150pF
(Note 5)
150
tPHL
Receiver Propagation Delay
kbps
250
Maximum Data Rate
V/µs
630
Transition-Region Slew Rate
ns
150
tPLH
CL = 150pF to
1000pF
ns
200
|tPHL - tPLH|
Transmitter Skew
ns
100
|tPHL - tPLH|
Receiver Skew
430
CL = 150pF to
2500pF
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
RS-232 AC TIMING


Similar Part No. - MAX3111E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3111E MAXIM-MAX3111E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3111ECNI MAXIM-MAX3111ECNI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3111ECWI MAXIM-MAX3111ECWI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3111EENI MAXIM-MAX3111EENI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3111EEWI MAXIM-MAX3111EEWI Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
More results

Similar Description - MAX3111E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3110E MAXIM-MAX3110E Datasheet
413Kb / 32P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
19-1494; Rev 0; 7/99
MAX3110E MAXIM-MAX3110E_15 Datasheet
287Kb / 31P
   SPI/MICROWIRE-Compatible UART and 짹15kV ESD-Protected RS-232 Transceivers with Internal Capacitors
Rev 2; 2/15
MAX3140 MAXIM-MAX3140 Datasheet
468Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 0; 6/99
MAX3140 MAXIM-MAX3140_V01 Datasheet
383Kb / 36P
   SPI/MICROWIRE-Compatible UART with Integrated True Fail-Safe RS-485/RS-422 Transceivers
19-1453; Rev 1; 9/10
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
MAX3233E MAXIM-MAX3233E Datasheet
144Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 0; 4/99
MAX3233E MAXIM-MAX3233E_V01 Datasheet
263Kb / 12P
   짹15kV ESD-Protected, 1關A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
19-1473; Rev 2; 8/04
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100_14 Datasheet
630Kb / 24P
   SPI/MICROWIRE-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100_09 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com