Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0828A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0828A
Description  SAW Filter 868.30MHz SMD3.8X3.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0828A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0828A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0828A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 868.30 MHz
MODEL NO.: TA0828A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 17 dBm
2.DC voltage: 0 V
3.Operating Temperature: -45
°C to +120°C
4.Storage Temperature: -45
°C to +120°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25
°C
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
868.30
-
1
Minimum I.L.
(dB)
IL
-
3.1
3.8
Pass band (relative to ILmin)
868.1~868.5 MHz
(dB)
-
0.6
2.0
868.0~868.6 MHz
(dB)
-
0.9
3.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
-
1300
-
Attenuation:( relative to ILmin)
(dB )
10~830
MHz
(dB )
40
45
-
830~850
MHz
(dB )
35
40
-
850~865.2
MHz
(dB )
25
28
-
871~874.5
MHz
(dB )
15
24
-
874.5~883
MHz
(dB )
22
26
-
883~900
MHz
(dB )
30
35
-
900~1000
MHz
(dB )
40
45
-
1
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
210
Ω // 2.1 pF
210
Ω // 2.1 pF
Note1. The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
H P N e tw ork analyz er
50Ω
S AW F ilte r
18 nH
18 nH
B
E
A,C ,D ,F
3.0p
3.0p
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0828A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0828A GOLLEDGE-TA0828A Datasheet
206Kb / 5P
   SAW Filter 868.30MHz
More results

Similar Description - TA0828A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
logo
Golledge Electronics Lt...
MP01540 GOLLEDGE-MP01540 Datasheet
206Kb / 5P
   SAW Filter 868.30MHz
MP01916 GOLLEDGE-MP01916 Datasheet
185Kb / 5P
   SAW Filter 868.30MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0659A TAI-SAW-TA0659A Datasheet
285Kb / 6P
   SAW Filter 868.30MHz SMD3.0X3.0mm
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0475A TAI-SAW-TA0475A Datasheet
270Kb / 5P
   SAW Filter 462.5375MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0280A TAI-SAW-TA0280A Datasheet
296Kb / 5P
   SAW Filter 868.30MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com