Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV31017 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MV31017
Description  GaAs Varactor Diodes Hyperabrupt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MV31017 Datasheet(HTML) 3 Page - Microsemi Corporation

  MV31017 Datasheet HTML 1Page - Microsemi Corporation MV31017 Datasheet HTML 2Page - Microsemi Corporation MV31017 Datasheet HTML 3Page - Microsemi Corporation MV31017 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MV30011 – MV34010
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page
3
GaAs Varactor Diodes
Hyperabrupt
TM
®
Copyright
 2008
Rev: 2009-05-11
High Q Constant Gamma Tuning Varactors (Specifications @ 25°)
1
Capacitance is specified at 1 MHz.
2
Measured by DeLoach Technique and referenced to 50 MHz.
3
Tightened tolerances available upon request.
4
Package capacitance is 0.15 pF is included in the above specification.
5
The capacitance ratio is calculated using CP = 0.15 pF. Ratios will vary
depending upon package selection.
Gamma = 1.50
Part
Number
CT @ 4 V
± 10%
(pF)1, 3, 4
Typ.
CT @ 2 V
CT @ 12V5
Min.
VBR @
10 A (V)
Typ.
Q @ -4 V2
MV34001
0.5
4.5
15
3000
MV34002
1.0
5.9
15
2500
MV34003
1.8
7.1
15
2500
MV34004
2.8
7.3
15
2500
MV34005
2.2
7.4
15
1800
MV34006
2.5
7.6
15
1800
MV34007
3.0
7.9
15
1800
MV34008
3.8
8.1
15
1800
MV34009
4.5
8.3
15
1200
MV34010
10.0
8.9
15
1200


Similar Part No. - MV31017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV311 ETC2-MV311 Datasheet
122Kb / 1P
   Low Resistance Power Film Resistors
logo
Caddock Electronics, In...
MV311 CADDOCK-MV311 Datasheet
297Kb / 1P
   Type MV Low Resistance Power Film Resistors
MV311 CADDOCK-MV311 Datasheet
478Kb / 1P
   Type MV Low Resistance Power Film Resistors
logo
MTRONPTI
MV313TCN MTRONPTI-MV313TCN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
MV313TGN MTRONPTI-MV313TGN Datasheet
267Kb / 2P
   5x7 mm, 3.3 or 5.0 Volt, HCMOS, VCXO
More results

Similar Description - MV31017

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
M/A-COM Technology Solu...
MA46410 MA-COM-MA46410_15 Datasheet
965Kb / 6P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com