Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0797A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0797A
Description  SAW Filter 340 MHz SMD 5.0횞5.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0797A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0797A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0797A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0797A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0797A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0797A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0797A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E.OUTLINE DRAWING:
F. PCB FOOTPRINT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8
#2: Input
#6: Output
#1,3,4,5,7,8: Ground
: Year Code
: Date Code (Follow the table provided by planner each year.)
Unit: mm
2005
2006
2007
2008
Year
2009
2010
2011
2012
Year Code
A
a
A
a


Similar Part No. - TA0797A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0797A GOLLEDGE-TA0797A Datasheet
112Kb / 5P
   SAW Filter 340.0MHz
More results

Similar Description - TA0797A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1002A TAI-SAW-TA1002A Datasheet
295Kb / 6P
   SAW Filter 340 MHz
logo
Murata Manufacturing Co...
SF2188C MURATA-SF2188C Datasheet
676Kb / 4P
   340 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0418A TAI-SAW-TA0418A Datasheet
421Kb / 5P
   SAW Filter 424MHz SMD 5.0횞5.0mm
TA0411A TAI-SAW-TA0411A Datasheet
418Kb / 5P
   SAW Filter 440MHz SMD 5.0횞5.0mm
logo
Murata Manufacturing Co...
SF2188D MURATA-SF2188D Datasheet
168Kb / 4P
   340 MHz SAW Filter
logo
RF Monolithics, Inc
SF2188C RFM-SF2188C Datasheet
676Kb / 4P
   340 MHz SAW Filter
SF2188D RFM-SF2188D Datasheet
168Kb / 4P
   340 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0417A TAI-SAW-TA0417A Datasheet
422Kb / 5P
   SAW Filter 408.5MHz SMD 5.0횞5.0mm
TB0610A TAI-SAW-TB0610A Datasheet
264Kb / 8P
   SAW Filter 350MHz SMD 5.0횞5.0mm
TA0311A TAI-SAW-TA0311A Datasheet
418Kb / 5P
   SAW Filter 420MHz SMD 5.0횞5.0mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com