Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI-J6R-IY Datasheet(PDF) 2 Page - Vicor Corporation

Part # MI-J6R-IY
Description  Military DC-DC Converters 10 to 50W
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-J6R-IY Datasheet(HTML) 2 Page - Vicor Corporation

  MI-J6R-IY Datasheet HTML 1Page - Vicor Corporation MI-J6R-IY Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Configuration Chart
MI - J
-
Semi-custom modules available:
Consult factory.
(1) 16V operation at 75% load.
(2) These units rated at 75%
load from 125-150Vin:
MI-J6Z-xY
MI-J6Y-xY
MI-J60-xY
28Vdc input per MIL-STD 704D/E
155Vdc input per DOD-STD-1399A
270Vdc input per MIL-STD-704D/E
Product Grade Specifications
5
6
7
8
9
4
3
2
1
0.080 Dia (2) places
Solder plate
over copper alloy
0.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.01
Aluminum Base
Product ID
this surface
Function
+In
–In
+Out
Trim
–Sense
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+0.030 (0,76)
-0.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
2.40
2.28
0.12
0.50
1.90
0.65
(16,5)
0.49
(12,4)
0.30
±0.015
(7,6)
±(0,38)
0.15
2.10
(53,4)
1.30
0.40
(10,2)
0.35
± 0.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
Gate In
Gate Out
+Sense
MI-J00
(57,9)
(33,0)
(3,8)
0.15
(3,8)
0.30
(61,0)
1.75
(48,3)
0.22
(3,0)
(12,7)
*Test data available for review or download from vicorpower.com
Mechanical Drawing
Output Power/Current
≥5V
<5V
A=
10W
o
Z
=
25W
5A
Y
=
50W
10A
Product Grade
Operating Temp.
I
=
-40°C to +100°C
M
=
-55°C to +100°C
PARAMETER
PRODUCT GRADE
I - Grade
M - Grade
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature (baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12 hours, 25 cycles
96 hours, 200 cycles
Temperature cycled with power off
48 hours, 12-16 cycles
48 hours, 12-16 cycles
-55°C to +100°C
-65°C to +100°C
Test data supplied at these temperatures*
-40°C, +80°C
-55°C, +80°C
Warranty
2 years
2 years
Environmental compliance
MIL-STD-810
MIL-STD-810
Derating
NAVMAT P-4855-1A
NAVMAT P- 4855-1A
Input Voltage
Nominal
Range
Transient
2 =
28V
18 – 50V
(1)
60V
5 = 155V
100 – 210V
230V
6 = 270V
125 – 400V
(2)
475V
7 = 165V
100 – 310V
Output Voltage
Z = 2V
T = 6.5V
N = 18.5V
Y = 3.3V
R = 7.5V
3 = 24V
0 = 5V
M= 10V
L = 28V
X = 5.2V
1 = 12V
J = 36V
W= 5.5V
P = 13.8V
K = 40V
V = 5.8V
2 = 15V
4 = 48V
MI-J00 10/02
1 of 2


Similar Part No. - MI-J6R-IY

ManufacturerPart #DatasheetDescription
logo
Powerbox
MI-J6R-IY POWERBOX-MI-J6R-IY Datasheet
782Kb / 1P
   10-50 WATTS MILITARY COTS DC/DC CONVERTER
More results

Similar Description - MI-J6R-IY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI-220 ETC1-MI-220 Datasheet
92Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
   Military DC-DC Converters 50 to 100W
logo
Artesyn Technologies
SMT15E ARTESYN-SMT15E Datasheet
113Kb / 2P
   DC/DC CONVERTERS 50W Non-isolated DC/DC Converters
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
   Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
   Military COTS DC/DC Converters
logo
Artesyn Technologies
EXB50 ARTESYN-EXB50 Datasheet
52Kb / 2P
   50W High Efficiency DC/DC Converters
logo
Vicor Corporation
MI-MEGAMOD VICOR-MI-MEGAMOD Datasheet
134Kb / 4P
   Military Chassis Mount DC-DC Converters 10 to 300W Single, Dual, Triple Outputs
logo
Artesyn Technologies
EXQ50 ARTESYN-EXQ50 Datasheet
64Kb / 2P
   36-50W High Efficiency DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
   36-50W High Efficiency DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com