Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0753A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0753A
Description  SAW Filter 611MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0753A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0753A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0753A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0753A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0753A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0753A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 611 MHz
MODEL NO.: TA0753A
REV.NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -20
°C to +70°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Center frequency
Fc
MHz
-
611
-
Insertion Loss
ILmin (reference level)
dB
-
2.95
4.5
3dB Bandwidth
BW-3dB
MHz
7
9.9
-
40dB Bandwidth
BW-40dB
-
20.4
24
Amplitude Ripple
609.5~ 612.5
MHz
dB
-
0.4
1.3
Rejection:(Reference level from 0dB)
520 to 560
MHz
660 to 700
MHz
dB
dB
38
38
43
45
-
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0753A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0753A GOLLEDGE-TA0753A Datasheet
103Kb / 4P
   SAW Filter 611MHz
More results

Similar Description - TA0753A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01440 GOLLEDGE-MP01440 Datasheet
103Kb / 4P
   SAW Filter 611MHz
logo
SIPAT Co,Ltd
LBT61101 SIPAT-LBT61101 Datasheet
196Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
LBT61101 SIPAT-LBT61101 Datasheet
190Kb / 3P
   611MHz SAW Filter 10MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0326A TAI-SAW-TA0326A Datasheet
430Kb / 6P
   SAW Filter 611MHz SMD 9.1횞7.1mm
TA0341A TAI-SAW-TA0341A Datasheet
441Kb / 5P
   SAW Filter 611MHz SMD 7.0횞5.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com