Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD62321HFP Datasheet(PDF) 10 Page - Rohm

Part # BD62321HFP
Description  H-bridge driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62321HFP Datasheet(HTML) 10 Page - Rohm

Back Button BD62321HFP Datasheet HTML 3Page - Rohm BD62321HFP Datasheet HTML 4Page - Rohm BD62321HFP Datasheet HTML 5Page - Rohm BD62321HFP Datasheet HTML 6Page - Rohm BD62321HFP Datasheet HTML 7Page - Rohm BD62321HFP Datasheet HTML 8Page - Rohm BD62321HFP Datasheet HTML 9Page - Rohm BD62321HFP Datasheet HTML 10Page - Rohm BD62321HFP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technical Note
10/10
BD62321HFP
www.rohm.com
2009.10 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
6
2
3
2
1
H
F
P
-
T
R
ROHM part
number
Type
Package
HFP: HRP7
Packaging spec.
TR: Embossed taping
(Unit : mm)
HRP7
S
0.08
7
6
5
4
3
2
1
0.73
±0.1
1.27
0.8875
1.905
±0.1
(MAX 9.745 include BURR)
9.395
±0.125
8.82
±0.1
(5.59)
S
0.27
+0.1
-0.05
4.5
°
+5.5°
−4.5°
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
TR
(
)


Similar Part No. - BD62321HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
BD62321HFP-TR ROHM-BD62321HFP-TR Datasheet
506Kb / 16P
   DC Brush Motor Drivers (36V max.)
More results

Similar Description - BD62321HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186 Datasheet
302Kb / 21P
   H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
   H-Bridge Driver
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
   Configurable H-Bridge Driver
Rev. D, 05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Rohm
BD6736FV ROHM-BD6736FV_15 Datasheet
1Mb / 16P
   Single H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com