Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6250 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MP6250
Description  GaAs Flip Chip PIN Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MP6250 Datasheet(HTML) 2 Page - Microsemi Corporation

  MP6250 Datasheet HTML 1Page - Microsemi Corporation MP6250 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MP6250 – P2715
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
GaAs Flip Chip PIN Diodes
TM
®
Copyright
 2008
Rev: 2009-01-19
P2715
INCHES
MM
DIM
MIN.
MAX.
MIN.
MAX.
A
0.0270
0.0280
0.686
0.711
B
0.0145
0.0155
0.368
0.393
C
0.0030
0.0040
0.076
0.102
D
0.0079
0.0089
0201
0.226
E
0.0170
0.0180
0.432
0.457
F
0.0060
0.0070
0.152
0.178
G
0.0047
0.0057
0.119
0.145
H
0.0035
0.0045
0.089
0.114
J
0.0035
0.0045
0.089
0.114
A
E
J
B
D
CATHODE
C
G
F
H
Spice Model Parameters
IS
RS
N
TT
CJ0
CP
M
EG
VJ
BV
IBV
A
Sec
pF
pF
eV
V
V
A
1E-13
1
2
0
0.025
0.02
0.50
1.42
1.2
40
1E-05
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The MP6250 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - MP6250

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62550 MPS-MP62550 Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62550DGT MPS-MP62550DGT Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62550DJ MPS-MP62550DJ Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62551 MPS-MP62551 Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
MP62551DGT MPS-MP62551DGT Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
More results

Similar Description - MP6250

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4GP907 MACOM-MA4GP907 Datasheet
314Kb / 4P
   GaAs Flip-Chip PIN Diodes
logo
Alpha Industries
DMK2783-000 ALPHA-DMK2783-000 Datasheet
85Kb / 4P
   GaAs Flip Chip Schottky Diodes
logo
KODENSHI_AUK CORP.
KBM-N56-1 KODENSHI-KBM-N56-1 Datasheet
43Kb / 1P
   GaAs Flip Chip Schottky Diodes
logo
M/A-COM Technology Solu...
MA4GP907 MA-COM-MA4GP907 Datasheet
102Kb / 5P
   GaAs Flip Chip PIN Diode
MA4E1317_V7 MA-COM-MA4E1317_V7 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
logo
Tyco Electronics
MA4E1317 MACOM-MA4E1317 Datasheet
160Kb / 5P
   GaAs Flip Chip Schottky Barrier Diodes
logo
M/A-COM Technology Solu...
MA4E1317 MA-COM-MA4E1317_14 Datasheet
653Kb / 6P
   GaAs Flip Chip Schottky Barrier Diodes
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
   AlGaAs Flip Chip PIN Diodes
MA4E1317 MA-COM-MA4E1317 Datasheet
140Kb / 7P
   GaAs Flip Chip Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com