Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9351MWV Datasheet(PDF) 1 Page - Rohm

Part # BD9351MWV
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9351MWV Datasheet(HTML) 1 Page - Rohm

  BD9351MWV Datasheet HTML 1Page - Rohm BD9351MWV Datasheet HTML 2Page - Rohm BD9351MWV Datasheet HTML 3Page - Rohm BD9351MWV Datasheet HTML 4Page - Rohm BD9351MWV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. A
STRUCTURE
Silicon Monolithic Integrated Circuit
PRODUCT SERIES
7-Channel Switching Regulator Controller for Digital Camera
TYPE
BD9351MWV
PIN ASSIGNMENT
Fig.1
BLOCK DIAGRAM
Fig.1
PACKAGE
Fig.2
Functions
●1.5V minimum input operating
●Supplies power for the internal circuit by using charge-pump circuit which outputs a voltage twice bigger than VBATvoltage.
or a equal voltage as VBAT + VIN.
●Contains step-up converter(1ch), step-down converter(2ch), cross converter(1ch), configurable for step-up/step-down converter(1ch),
with 59 step brightness controller for step-up converter(1ch).
●Contains 4FETs for the cross converter channel.
●3channels contain transistor for synchronous rectifying action mode.
●2channels contain FETs for the step-up converter.
●All channels contain internal compensation between inputs outputs of error amps.
●Contains sequence control circuit for ch1,2 and 4.
●Operating frequency 1.2MHz(CH1,3,4), 600kHz(CH2,5,6,7).
●Contains output interception circuit when over load.
●2 channels have high side switches with soft start function, one channel has PMOS back gate control circuit.
●Thermally enhanced UQFN044V6060 package.(6mm x 6mm, 0.4mm pitch)
○Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Limit
Unit
Power
Supply
V o ltage
VBAT
-0.3~7
V
Powe r
Inp u t
V o ltage
VHx1~4
-0.3~7
V
HS67H
-0.3~7
V
VLx6~7
-0.3~20
V
VIN
-0.3~7
V
Output
C
urre
nt
IomaxLx1
±0.4
A
IomaxHx2
±1.5
A
IomaxHx3
±1.2
A
IomaxHx4, Lx4
±2.2
A
IomaxHS6~7
±1.2
A
IomaxLx6~7
±0.8
A
Power
Dissipation
Pd
0.54 (*1)
W
O p e r at in g
Tem p er a t u r e
Topr
-25~+85
S t ora ge
T e m pe rat u re
Tstg
-55~+150
J u nc tio n
T e m p a re ture
Tjmax
+150
(*1) Without external heat sink, the power dissipation reduces by 4.32mW/℃ over 25℃。
○Recommended operating conditions
○CH7 recommended operating conditions
Status of this document
The Japanese version of this document is the official specification. Please use the translation version of this document as a reference to expedite understanding of the official version.
If these are anyuncertainty in translation version of this document, official version takes priority.
Parameter
Symbol
Limits
Unit
MIN
TYP
MAX
Fixed H when determine brightness
T(ON)
65X1/fosc
-
-
[S]
Fixed L when OFF
T(OFF)
65X1/fosc
-
-
[S]
Fixed H when setting brightness
T(H)
420
-
10000
[nS]
Fixed L when setting brightness
T(L)
420
-
10000
[nS]
Fixed H when EN start-up
T(EN)
5X1/fosc
-
-
[S]
Fixed L before setting brightness
T(CLR)
5X1/fosc
-
63X1/fosc
[S]
Brightness setting time When start-up
T(SET)
-
-
2048X1/fosc
[S]
Parameter
Symbol
Limit
Unit
MIN
TYP
MAX
Power Supply Voltage
VBAT
1.5
-
5.5
V
VREF Pin Connecting Capacitor
CVREF
0.47
1.0
4.7
μF
VREGA Pin Connecting Capacitor
CVREGA
0.47
1.0
4.7
μF
SCP Pin Connecting Capacitor
CSCP
-
0.47
μF
C+H to C+L connecting Capacitor
CF
1.0
-
-
μF
【Oscillator】
Oscillator Frequency (CH1,3,4)
fosc
0.6
1.2
1.5
MHz
OSC Timing Resistor
RT
47
62
120


Similar Part No. - BD9351MWV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD935 PHILIPS-BD935 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Inchange Semiconductor ...
BD935 ISC-BD935 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD935 NJSEMI-BD935 Datasheet
131Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD9350MWV ROHM-BD9350MWV Datasheet
297Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9352GUL ROHM-BD9352GUL Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9351MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com