Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1023-16 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MG1023-16
Description  GUNN Diodes Cathode Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MG1023-16 Datasheet(HTML) 2 Page - Microsemi Corporation

  MG1023-16 Datasheet HTML 1Page - Microsemi Corporation MG1023-16 Datasheet HTML 2Page - Microsemi Corporation MG1023-16 Datasheet HTML 3Page - Microsemi Corporation MG1023-16 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MG1001 – MG1061
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
GUNN Diodes
Cathode Heat Sink
Copyright
 2008
Rev: 2009-01-19
(Discrete Frequency: Cathode Heatsink)
C Band Gunn Diodes (Specifications @ 25°C)
Operating Current
Part
Number
Operating
Frequency1
(GHz)
Min.
Power2
(mW)
Typ.
Operating
Voltage (V)
Min.
(mA)
Max.
(mA)
Package
Outline3
MG1001-11
5.9–8.2
50
12
200
400
M11
MG1002-11
5.9–8.2
100
12
300
600
M11
MG1003-15
5.9–8.2
250
12
600
1100
M15
MG1004-15
5.9–8.2
500
12
900
1300
M15
X Band Gunn Diodes (Specifications @ 25°C)
Operating Current
Part
Number
Operating
Frequen y1
c
(GHz)
Min.
Power2
(mW)
Typ.
Operating
Voltage (V)
Min.
(mA)
Max.
(mA)
Package
Outline3
MG1005-11
8.2–12.0
50
10
200
400
M11
MG1006-11
8.2–12.0
100
10
400
700
M11
MG1007-15
8.2–12.0
250
10
700
1200
M15
MG1008-15
8.2–12.0
500
10
1000
1600
M15
Ku Band Gunn Diodes (Specifications @ 25°C)
Operating Current
Part
Number
Operating
Frequency1
(GHz)
Min.
Power2
(mW)
Typ.
Operating
Voltage (V)
Min.
(mA)
Max.
(mA)
Package
Outline3
MG1009-11
12.4–18.0
50
8
300
500
M11
MG1010-11
12.4–18.0
100
8
400
800
M11
MG1011-15
12.4–18.0
250
8
800
1200
M15
MG1012-15
12.4–18.0
500
8
1100
1700
M15
K Band Gunn Diodes (Specifications @ 25°C)
Operating Current
Part
Number
Operating
Frequency1
(GHz)
Min.
Power2
(mW)
Typ.
Operating
Voltage (V)
Min.
(mA)
Max.
(mA)
Package
Outline3
MG1013-16
18.0–26.5
50
6
400
600
M16
MG1014-16
18.0–26.5
100
6
500
1000
M16
MG1015-16
18.0–26.5
200
6
800
1400
M16
MG1016-17
18.0–23.0
400
6
900
1700
M17
1
Microsemi Gunn diodes are specified to operate within a narrow range of a customer-designated center frequency within the operating frequency range shown.
Additional frequencies are available; Please contact the factory.
2
Power is measured using a critically coupled test cavity. For pulsed diodes, pulse width = 1 µS, duty factor = 1% typ.
3
Polarity: anode is the cap and cathode is the heatsink.


Similar Part No. - MG1023-16

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MG1005_MDS BOURNS-MG1005_MDS Datasheet
206Kb / 1P
   Ferrite Chip Beads
logo
Toshiba Semiconductor
MG100G2CL1 TOSHIBA-MG100G2CL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
MG100G2DL1 TOSHIBA-MG100G2DL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
MG100G2JL1 TOSHIBA-MG100G2JL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
logo
List of Unclassifed Man...
MG100G2YK1 ETC-MG100G2YK1 Datasheet
299Kb / 3P
   TRANSISTOR MODULES
More results

Similar Description - MG1023-16

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MG1041 MICROSEMI-MG1041 Datasheet
176Kb / 2P
   GUNN Diodes Anode Heat Sink
logo
Thinki Semiconductor Co...
HER3001C THINKISEMI-HER3001C Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER3001PT THINKISEMI-HER3001PT Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER1001G THINKISEMI-HER1001G_19 Datasheet
816Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601CT THINKISEMI-HER1601CT Datasheet
641Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
UF1600CT THINKISEMI-UF1600CT Datasheet
666Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601C THINKISEMI-HER1601C Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1001C THINKISEMI-HER1001C Datasheet
634Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1001CT THINKISEMI-HER1001CT Datasheet
635Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601G THINKISEMI-HER1601G_19 Datasheet
1Mb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com