Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1019-16 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MG1019-16
Description  GUNN Diodes Cathode Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MG1019-16 Datasheet(HTML) 1 Page - Microsemi Corporation

  MG1019-16 Datasheet HTML 1Page - Microsemi Corporation MG1019-16 Datasheet HTML 2Page - Microsemi Corporation MG1019-16 Datasheet HTML 3Page - Microsemi Corporation MG1019-16 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MG1001 – MG1061
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
GUNN Diodes
Cathode Heat Sink
Copyright
 2008
Rev: 2009-01-19
Discrete Frequency: Cathode Heatsink
Features
CW Designs to 500 mW
Pulsed Designs to 10 W
Frequency Coverage Specified from 5.9–95 GHz
Low Phase Noise
High Reliability
Applications
Motion Detectors
Transmitters and Receivers
Beacons
Automotive Collision Avoidance Radars
Radars
Radiometers
Instrumentation
Description
Microsemi’s GaAs Gunn diodes, epi-down (cathode
heatsink), are fabricated from epitaxial layers grown at
MSC by the Vapor Phase Epitaxy technique. The layers
are processed using proprietary techniques resulting in
low phase and 1/f noise. MDT Gunn diodes are
available in a variety of microwave ceramic packages
are available for operation from 5–110 GHz.


Similar Part No. - MG1019-16

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MG1005_MDS BOURNS-MG1005_MDS Datasheet
206Kb / 1P
   Ferrite Chip Beads
logo
Toshiba Semiconductor
MG100G2CL1 TOSHIBA-MG100G2CL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
MG100G2DL1 TOSHIBA-MG100G2DL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
MG100G2JL1 TOSHIBA-MG100G2JL1 Datasheet
575Kb / 5P
   TECHNICAL DATA
logo
List of Unclassifed Man...
MG100G2YK1 ETC-MG100G2YK1 Datasheet
299Kb / 3P
   TRANSISTOR MODULES
More results

Similar Description - MG1019-16

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MG1041 MICROSEMI-MG1041 Datasheet
176Kb / 2P
   GUNN Diodes Anode Heat Sink
logo
Thinki Semiconductor Co...
HER3001C THINKISEMI-HER3001C Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER3001PT THINKISEMI-HER3001PT Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER1001G THINKISEMI-HER1001G_19 Datasheet
816Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601CT THINKISEMI-HER1601CT Datasheet
641Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
UF1600CT THINKISEMI-UF1600CT Datasheet
666Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601C THINKISEMI-HER1601C Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1001C THINKISEMI-HER1001C Datasheet
634Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1001CT THINKISEMI-HER1001CT Datasheet
635Kb / 2P
   10Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
HER1601G THINKISEMI-HER1601G_19 Datasheet
1Mb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com