Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C900606 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # C900606
Description  PLANAR TRANSCEIVERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

C900606 Datasheet(HTML) 2 Page - Microsemi Corporation

  C900606 Datasheet HTML 1Page - Microsemi Corporation C900606 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDU1020 Series
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
PLANAR TRANSCEIVERS
Fixed Frequency
TM
®
Copyright
 2008
Rev: 2009-02-10
Operation
The basic principle of operation consists of detecting the frequency shift between a transmitted and a received
signal reflected back from a moving object within the field of view of the unit.
The unit produces a low level output signal which can be amplified and processed to provide an audible or
visual alarm signal and employs low cost surface mount manufacturing techniques which are field proven as
being rugged and reliable.
Electrical Characteristics
Transmitter
Frequency
:
see table
Frequency Setting Accuracy
:
3MHz
Power Output (Min.)
:
13dBm EIRP
Operating Voltage
:
+5V
±0.25V
Operating Current (CW)
:
60mA max.
:
40mA typ.
Harmonic Emissions
:
< -7dBm
Pulse Mode Operation
Average Current (5% DC)
:
2mA typ.
Pulse Width (Min.)
:
5µSec
Duty Cycle (Min.)
:
1%
Receiver
Sensitivity (10dB S/N ratio)
:
-86dBm
Noise
:
10µV
(Both in 3Hz to 80Hz bandwidth)
Antenna
Gain
:
8dBi
-3dB Beamwidth
E Plane
:
72º
H Plane
:
36º
Mechanical Characteristics
Weight
:
see table
Tab Connections
:
0.1” spacing
Environmental Characteristics
Power/Temp. Coefficient
(over operating temp. range) :
3dB
Frequency/Temp. Coefficient
(over operating temp. range) :
6.5MHz
Operating Temperature
:
-10ºC to +55ºC
Storage Temperature
:
-30ºC to +70ºC
NOTES
Detection range is dependent on size and reflectivity of
target and S/N ratio
Doppler shift at 10.687GHz is 31Hz/m.p.h.
Unit functions over -30ºC to +70ºC but harmonics may
exceed specified levels.
Model
Application
Order Code
Frequency
Weight
Comments
MDU1020
USA, Canada
etc.
C900505
C900503
C900506
10.515GHz
10.525Ghz
10.535GHz
80 grams
USA FCC Part 15 Indoors
Metal Housing
MDU1020
USA, Canada
etc.
C900605
C900603
C900606
10.515GHz
10.525Ghz
10.535GHz
15 grams
USA FCC Part 15 Indoors
Plastic Housing


Similar Part No. - C900606

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
C900662 MICROSEMI-C900662 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
More results

Similar Description - C900606

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDU1020 MICROSEMI-MDU1020_1 Datasheet
836Kb / 2P
   PLANAR TRANSCEIVERS
MDU1420 MICROSEMI-MDU1420 Datasheet
796Kb / 2P
   PLANAR TRANSCEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MAX13080E ARTSCHIP-MAX13080E Datasheet
3Mb / 24P
   Transceivers
logo
Unisonic Technologies
UTRS3088 UTC-UTRS3088 Datasheet
227Kb / 8P
   TRANSCEIVERS
logo
Linear Technology
LTC1321ISW LINER-LTC1321ISW Datasheet
337Kb / 20P
   Transceivers
logo
NXP Semiconductors
74ALS620A PHILIPS-74ALS620A Datasheet
103Kb / 11P
   Transceivers
1991 Feb 08
74F641 PHILIPS-74F641 Datasheet
92Kb / 10P
   Transceivers
1999 Jan 08
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Microsemi Corporation
MDU19XX MICROSEMI-MDU19XX Datasheet
841Kb / 2P
   WAVEGUIDE TRANSCEIVERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com