Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9161FVM Datasheet(PDF) 10 Page - Rohm

Part # BD9161FVM
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9161FVM Datasheet(HTML) 10 Page - Rohm

Back Button BD9161FVM Datasheet HTML 6Page - Rohm BD9161FVM Datasheet HTML 7Page - Rohm BD9161FVM Datasheet HTML 8Page - Rohm BD9161FVM Datasheet HTML 9Page - Rohm BD9161FVM Datasheet HTML 10Page - Rohm BD9161FVM Datasheet HTML 11Page - Rohm BD9161FVM Datasheet HTML 12Page - Rohm BD9161FVM Datasheet HTML 13Page - Rohm BD9161FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BD9161FVM
Technical Note
9/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
4. Determination of RITH, CITH that works as a phase compensator
As the Current Mode Control is designed to limit a inductor current, a pole (phase lag) appears in the low frequency area
due to a CR filter consisting of a output capacitor and a load resistance, while a zero (phase lead) appears in the high
frequency area due to the output capacitor and its ESR. So, the phases are easily compensated by adding a zero to the
power amplifier output with C and R as described below to cancel a pole at the power amplifier.
Stable feedback loop may be achieved by canceling the pole fp (Min.) produced by the output capacitor and the load
resistance with CR zero correction by the error amplifier.
Gain
[dB]
Phase
[deg]
Fig.30 Open loop gain characteristics
A
0
0
-90
A
0
0
-90
fz(Amp.)
Fig.31 Error amp phase compensation characteristics
fp=
2π×RO×CO
1
fz(ESR)=
2π×ESR×CO
1
Pole at power amplifier
When the output current decreases, the load resistance Ro
increases and the pole frequency lowers.
fp(Min.)=
2π×ROMax.×CO
1
[Hz]←with lighter load
fp(Max.)=
2π×ROMin.×CO
1
[Hz]←with heavier load
Zero at power amplifier
Increasing capacitance of the output capacitor lowers the pole
frequency while the zero frequency does not change. (This
is because when the capacitance is doubled, the capacitor
ESR reduces to half.)
fz(Amp.)=
2π×RITH.×CITH
1
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
Fig.32 Typical application
fz(Amp.)= fp(Min.)
2π×RITH×CITH
1
=
2π×ROMax.×CO
1
fp(Min.)
fp(Max.)
fz(ESR)
IOUTMin.
IOUTMax.
Gain
[dB]
Phase
[deg]


Similar Part No. - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9161FVM-LBTR ROHM-BD9161FVM-LBTR Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9161FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com