Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0555A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0555A
Description  SAW Filter 480 MHz SMD 5.0X5.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0555A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0555A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0555A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
F. Frequency Characteristics :


Similar Part No. - TA0555A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0555A GOLLEDGE-TA0555A Datasheet
125Kb / 6P
   SAW Filter 480MHz
More results

Similar Description - TA0555A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0448A TAI-SAW-TB0448A Datasheet
279Kb / 7P
   SAW Filter 400 MHz SMD 5.0X5.0 mm
TC0263A TAI-SAW-TC0263A Datasheet
383Kb / 5P
   SAW Resonator 434.52 MHz SMD 5.0X5.0 mm
TC0261A TAI-SAW-TC0261A Datasheet
383Kb / 5P
   SAW Resonator 433.32 MHz SMD 5.0X5.0 mm
TB0400A TAI-SAW-TB0400A Datasheet
190Kb / 6P
   480 MHz IF SAW Filter (SMD 7.0횞5.0 mm)
TE0161A TAI-SAW-TE0161A Datasheet
404Kb / 10P
   SAW Dual SAW 370/390 MHz (BW 20 MHz) SMD 5.0X5.0 mm
TE0109A TAI-SAW-TE0109A Datasheet
218Kb / 5P
   Dual SAW Resonator 390/315 MHz SMD 5.0X5.0 mm
TA0421C TAI-SAW-TA0421C Datasheet
419Kb / 5P
   SAW Filter 480 MHz
TA2091A TAI-SAW-TA2091A Datasheet
421Kb / 6P
   SAW Filter 480 MHz
TA1631A TAI-SAW-TA1631A Datasheet
153Kb / 7P
   SAW Filter 480 MHz
TA2078A TAI-SAW-TA2078A Datasheet
448Kb / 6P
   SAW Filter 480 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com