Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9130EFJ Datasheet(PDF) 4 Page - Rohm

Part # BD9130EFJ
Description  Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9130EFJ Datasheet(HTML) 4 Page - Rohm

  BD9130EFJ Datasheet HTML 1Page - Rohm BD9130EFJ Datasheet HTML 2Page - Rohm BD9130EFJ Datasheet HTML 3Page - Rohm BD9130EFJ Datasheet HTML 4Page - Rohm BD9130EFJ Datasheet HTML 5Page - Rohm BD9130EFJ Datasheet HTML 6Page - Rohm BD9130EFJ Datasheet HTML 7Page - Rohm BD9130EFJ Datasheet HTML 8Page - Rohm BD9130EFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BD9130EFJ
Technical Note
4/14
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
VOUT
SW
0.8
0.9
1
1.1
1.2
2.73.1
3.53.9
4.34.7
5.15.5
INPUT VOLTAGE:VCC[V]
VCC=3.3V
Ta=25℃
Io=0A
VCC=3.3V
Ta=25℃
SLLM
TM control
VOUT=1.8V】
VOUT=1.8V】
Ta=25℃
VOUT
VCC=PVCC
=EN
Characteristics data(Reference data) – Continued
Fig.12 Vcc-Fosc
Fig.13 Soft start waveform
Fig.14 SW waveform Io=10mA
Fig.15 SW waveform Io=200mA
Fig. 16 Transient response
Io=1A→2A(10μs)
Fig.17 Transient response
Io=2A→1A(10μs)
VOUT
IOUT
VOUT
IOUT
VCC=3.3V
Ta=25℃
VOUT=1.8V】
VCC=3.3V
Ta=25℃
VOUT=1.8V】
PWM control
VOUT=1.8V】
VCC=3.3V
Ta=25℃


Similar Part No. - BD9130EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV ROHM-BD9130NV Datasheet
337Kb / 6P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9130NV ROHM-BD9130NV Datasheet
417Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130NV ROHM-BD9130NV Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD9130EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9134MUV ROHM-BD9134MUV Datasheet
438Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9141MUV ROHM-BD9141MUV Datasheet
375Kb / 19P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_10 Datasheet
366Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9111NV ROHM-BD9111NV_09 Datasheet
488Kb / 14P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9130NV ROHM-BD9130NV_09 Datasheet
417Kb / 15P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9134MUV_0909 ROHM-BD9134MUV_0909 Datasheet
433Kb / 18P
   Output 2A or More High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9139MUV ROHM-BD9139MUV Datasheet
388Kb / 17P
   Output 2A or More High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD91361MUV ROHM-BD91361MUV Datasheet
418Kb / 18P
   Output 2A More High-efficiency Step-down Switching Regulator with Built-in Power MOS FET
BD9123MUV ROHM-BD9123MUV_11 Datasheet
435Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com