Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9018KV Datasheet(PDF) 3 Page - Rohm

Part # BD9018KV
Description  Step-down,High-efficiency Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9018KV Datasheet(HTML) 3 Page - Rohm

  BD9018KV Datasheet HTML 1Page - Rohm BD9018KV Datasheet HTML 2Page - Rohm BD9018KV Datasheet HTML 3Page - Rohm BD9018KV Datasheet HTML 4Page - Rohm BD9018KV Datasheet HTML 5Page - Rohm BD9018KV Datasheet HTML 6Page - Rohm BD9018KV Datasheet HTML 7Page - Rohm BD9018KV Datasheet HTML 8Page - Rohm BD9018KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
BD9018KV
www.rohm.com
2010.02 - Rev.A
c
2010 ROHM Co., Ltd. All rights reserved.
Reference data (Unless otherwise specified, Ta=25℃)
Fig.1 Efficiency 1
Fig.4 Reference voltage vs.
temperature characteristics
Fig.5 Over current detection vs.
temperature characteristics
Fig.6 Frequency vs.
temperature characteristics
0
10
20
30
40
50
60
70
80
90
100
0
123
OUTPUT CURRENT:Io [A]
3.3 V
5.0V
VIN=12V
792
794
796
798
800
802
804
806
808
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta [℃]
60
70
80
90
10 0
11 0
-40
-15
10
35
60
8 5
AMBIENT TEMPERATURE : Ta [℃]
8.0
8.5
9.0
9.5
10.0
10.5
11.0
- 40
-15
10
3 5
60
85
AMBIENT TEMPERATURE : Ta [℃ ]
Fig.7 SS Charge current vs
temperature characteristics
Fig.2 Standby current
792
794
796
798
800
802
804
806
808
-40
- 15
10
3 5
60
8 5
AMBIENT TEMPERATURE : Ta [℃]
0.0
0.5
1.0
1.5
2.0
2.5
-40
- 15
10
35
60
8 5
AMBIENT TEMPERATURE : Ta [℃]
Fig.8 UVLO threshold voltage
vs temperature characteristics
Fig.9 EN threshold voltage
vs temperature characteristics
0
1
2
3
4
5
6
7
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta [℃]
Fig.10 Circuit current vs
temperature characteristics
0
1
2
3
4
5
6
7
8
9
10
0
102 03 0
Input voltage : Vin [V]
Fig.3 Circuit current
0
1
2
3
4
5
6
7
8
9
10
0
102 03 0
Input voltage : Vin [V]
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-40
-15
10
35
60
85
AMBIENT TEMPERATURE : Ta[℃]


Similar Part No. - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD901 CDIL-BD901 Datasheet
86Kb / 3P
   DARLINGTON PLASTIC POWER TRANSISTORS
More results

Similar Description - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com