Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8961NV Datasheet(PDF) 8 Page - Rohm

Part # BD8961NV
Description  Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8961NV Datasheet(HTML) 8 Page - Rohm

Back Button BD8961NV Datasheet HTML 4Page - Rohm BD8961NV Datasheet HTML 5Page - Rohm BD8961NV Datasheet HTML 6Page - Rohm BD8961NV Datasheet HTML 7Page - Rohm BD8961NV Datasheet HTML 8Page - Rohm BD8961NV Datasheet HTML 9Page - Rohm BD8961NV Datasheet HTML 10Page - Rohm BD8961NV Datasheet HTML 11Page - Rohm BD8961NV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BD8961NV
Technical Note
8/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Switching regulator efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL+RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET, IOUT[A]:Output
current.)
2)PD(Gate)=Cgs×f×V (Cgs[F]:Gate capacitance of FET, f[Hz]:Switching frequency, V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor, ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC (ICC[A]:Circuit current.)
Consideration on permissible dissipation and heat generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation. In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation
must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
If VCC=5V, VOUT=3.3V, RONP=0.2Ω, RONN=0.16Ω
IOUT=2A, for example,
D=VOUT/VCC=3.3/5.0=0.66
RON=0.66×0.20+(1-0.66)×0.16
=0.132+0.0544
=0.1864[Ω]
P=2
2×0.1864=0.7456W]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater.
With the consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
0
25
50
75
100
125
150
0
2.0
3.0
4.0
0.90W
3.9W
105
1.0
0.64W
η= VOUT×IOUT
Vin×Iin
×100[%]= POUT
Pin
×100[%]=
POUT
POUT+PDα
×100[%]
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET, IDRIVE[A]:Peak current of gate.)
Fig.25 Thermal derating curve
(SON008V5060)
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
Ambient temperature:Ta [℃]
for SON008V5060
JEDEC 4 layer board 76.2×114.3×1.6mm
θj-a=32.1℃/W
for SON008V5060
ROHM standard 1 layer board 70×70×1.6mm
θj-a=138.9℃/W
IC only
θj-a=195.3℃/W


Similar Part No. - BD8961NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8961NV ROHM-BD8961NV Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8961NV ROHM-BD8961NV Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV-E2 ROHM-BD8961NV-E2 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV-E2 ROHM-BD8961NV-E2 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8961NV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8964FVM ROHM-BD8964FVM Datasheet
557Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM_10 Datasheet
396Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV Datasheet
466Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8966FVM ROHM-BD8966FVM Datasheet
511Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8961NV ROHM-BD8961NV_10 Datasheet
394Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8967FVM ROHM-BD8967FVM Datasheet
400Kb / 14P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8960NV ROHM-BD8960NV_10 Datasheet
444Kb / 15P
   Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8963EFJ ROHM-BD8963EFJ Datasheet
489Kb / 18P
   Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM_09 Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com