Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0475A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0475A
Description  SAW Filter 462.5375MHz SMD3.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0475A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0475A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0475A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 462.5375 MHz
MODEL NO.: TA0475A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA= -40
°C to +85°C
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
462.5375
-
1
Minimum I.L.
(dB)
ILmin
-
3
4
Pass band (relative to ILmin)
462.2875~462.7875 MHz
(dB)
-
1
3
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
500
950
-
Attenuation:( relative to ILmin) (dB )
10~437.46
MHz
(dB )
40
46
-
437.46~448.26
MHz
(dB )
40
45
-
448.26~461.0
MHz
(dB )
15
25
-
464.2~473.6
MHz
(dB )
10
16
-
473.6~485.6
MHz
(dB )
38
42
-
1
485.6~1000
MHz
(dB )
40
45
-
Note1. The standard definitions is in JIS C 6703
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0475A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0475A GOLLEDGE-TA0475A Datasheet
192Kb / 4P
   462.53750MHz SAW Filter
More results

Similar Description - TA0475A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0476A TAI-SAW-TA0476A Datasheet
270Kb / 5P
   SAW Filter 467.5375MHz SMD3.8X3.8mm
TA0257A TAI-SAW-TA0257A Datasheet
315Kb / 5P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0828A TAI-SAW-TA0828A Datasheet
310Kb / 6P
   SAW Filter 868.30MHz SMD3.8X3.8mm
TA0473A TAI-SAW-TA0473A Datasheet
269Kb / 5P
   SAW Filter 456MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0472A TAI-SAW-TA0472A Datasheet
269Kb / 5P
   SAW Filter 455MHz SMD3.8X3.8mm
TA0277A TAI-SAW-TA0277A Datasheet
476Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
TA0306A TAI-SAW-TA0306A Datasheet
479Kb / 5P
   SAW Filter 434.260MHz SMD3.8X3.8mm
TA0300A TAI-SAW-TA0300A Datasheet
489Kb / 5P
   SAW Filter 433.92MHz SMD3.8X3.8mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com