Part Name
         Description
LXP1011

 SURFACE MOUNT SOT23 PKG PIN Diodes ( 3 Page)


MICROSEMI
100% 
Zoom Out Zoom In
   
 2 page
background image
LXP1000 – LXP1011
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev. 2009-02-02
RoHS Compliant
SURFACE MOUNT
SOT23 PKG PIN Diodes
ELECTRICAL PARAMETERS @ 25
C (Unless Otherwise Specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
1
@VR
(Typ)
VR (V)
Rs(Ω)
2
@IF
(Max)
IF(mA)
TL(nS)
3
.
(Typ)
Application
LXP1000
35
0.28
5
2.5
5
40
Switch
LXP1002
100
0.32
50
4.0
100
1500
Attenuator
LXP1004
35
0.75
20
0.6
10
70
Switch
LXP1005
100
0.40
50
6.5
5
2000
Attenuator
LXP1008
50
0.30
20
1.5
10
200
Switch
LXP1010
100
0.35
50
3.0
10
1000
Attenuator
LXP1011
200
0.35
50
8.0
20
2000
Attenuator
.
TYPICAL CONFIGURATIONS
Model Number
23-0
23 – 1
23 - 2
23 - 3
23 - 4
23 - 5
LXP1000
LXP1002
LXP1004
LXP1005
LXP1008
LXP1010
LXP1011
PINOUT
23-0
23-1
23-2
23-3
23-4
23-5
Notes
1.
Capacitance (CT) is measured at f = 1 MHz
2.
Series Resistance (RS) is measured at f = 100 MHz
3.
Carrier Lifetime (TL) is measured at IF = 10 mA, IR = 6 mA



Html Pages

1  2  3 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl