Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B240A Datasheet(PDF) 9 Page - Analog Devices

Part # B240A
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

B240A Datasheet(HTML) 9 Page - Analog Devices

Back Button B240A Datasheet HTML 5Page - Analog Devices B240A Datasheet HTML 6Page - Analog Devices B240A Datasheet HTML 7Page - Analog Devices B240A Datasheet HTML 8Page - Analog Devices B240A Datasheet HTML 9Page - Analog Devices B240A Datasheet HTML 10Page - Analog Devices B240A Datasheet HTML 11Page - Analog Devices B240A Datasheet HTML 12Page - Analog Devices B240A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 9 of 28
500
540
580
620
660
700
258
11
14
17
20
VIN (V)
TJ = −40°C
TJ = +25°C
TJ = +125°C
Figure 22. Quiescent Current vs. VIN
0
100
200
300
400
500
600
700
800
900
–50
–20
10
40
70
100
130
VGS = 5V
VGS = 4V
VGS = 3V
TEMPERATURE (°C)
Figure 23. MOSFET RDS(ON) vs. Temperature (Pin-to-Pin Measurements)
1.00
1.05
1.10
1.15
1.20
1.25
1.30
–50
–20
10
40
70
100
130
RISING
FALLING
TEMPERATURE (°C)
Figure 24. Enable Threshold vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
–50
–20
10
40
70
100
130
RISING
FALLING
TEMPERATURE (°C)
Figure 25. UVLO Threshold vs. Temperature
CH1 5mV
CH4 500mA Ω
CH2 5V
M400ns
A CH2
7.4V
2
4
1
B
W
B
W
B
W
VOUT
IL
SW
Figure 26. Steady State at Heavy Load, fSW = 1.4 MHz, IOUT = 1 A
CH1 20mV
CH4 200mA Ω
CH2 5V
M10µs
A CH2
8V
2
4
1
B
W
B
W
B
W
VOUT
IL
SW
Figure 27. Steady State at Light Load, fSW = 1.4 MHz, IOUT = 40 mA


Similar Part No. - B240A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B240A DIODES-B240A Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Compact Technology Corp...
B240A CTC-B240A Datasheet
69Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
B240A VISHAY-B240A Datasheet
89Kb / 4P
   High Current Density Surface-Mount Schottky Rectifier
01-Jan-2022
B240A VISHAY-B240A Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
B240A VISHAY-B240A Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results

Similar Description - B240A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
[Old version datasheet]   17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
[Old version datasheet]   17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
[Old version datasheet]   17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com