Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8586-33CP Datasheet(PDF) 6 Page - Microsemi Corporation

Part # LX8586-33CP
Description  6A Low Dropout Positive Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8586-33CP Datasheet(HTML) 6 Page - Microsemi Corporation

  LX8586-33CP Datasheet HTML 1Page - Microsemi Corporation LX8586-33CP Datasheet HTML 2Page - Microsemi Corporation LX8586-33CP Datasheet HTML 3Page - Microsemi Corporation LX8586-33CP Datasheet HTML 4Page - Microsemi Corporation LX8586-33CP Datasheet HTML 5Page - Microsemi Corporation LX8586-33CP Datasheet HTML 6Page - Microsemi Corporation LX8586-33CP Datasheet HTML 7Page - Microsemi Corporation LX8586-33CP Datasheet HTML 8Page - Microsemi Corporation LX8586-33CP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LX8586 / LX8586A
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 1996
Rev. 1.0a, 2005-11-10
6A Low Dropout Positive Regulators
TM
®
APPLICATION NOTE
LOAD REGULATION (continued)
Even when the circuit is optimally configured, parasitic resistance
can be a significant source of error. A 100 mil wide PC trace built
from 1 oz. copper-clad circuit board material has a parasitic
resistance of about 5 milliohms per inch of its length at room
temperature. If a 3-terminal regulator used to supply 2.50 volts is
connected by 2 inches of this trace to a load which draws 5 amps
of current, a 50 millivolt drop will appear between the regulator
and the load. Even when the regulator output voltage is precisely
2.50 volts, the load will only see 2.45 volts, which is a 2% error. It
is important to keep the connection between the regulator output
pin and the load as short as possible, and to use wide traces or
heavy-gauge wire.
The minimum specified output capacitance for the regulator
should be located near the regulator package. If several capacitors
are used in parallel to construct the power system output
capacitance, any capacitors beyond the minimum needed to meet
the specified requirements of the regulator should be located near
the sections of the load that require rapidly-changing amounts of
current. Placing capacitors near the sources of load transients will
help ensure that power system transient response is not impaired
by the effects of trace impedance.
To maintain good load regulation, wide traces should be used on
the input side of the regulator, especially between the input
capacitors and the regulator. Input capacitor ESR must be small
enough that the voltage at the input pin does not drop below VIN
(MIN)
during transients.
VIN (MIN) = VOUT + VDROPOUT (MAX)
Where:
VIN (MIN)
≡ the lowest allowable instantaneous voltage
at the input pin.
VOUT
≡ the designed output voltage for the power
supply system.
VDROPOUT (MAX)
≡ the specified dropout voltage for the
installed regulator.
THERMAL CONSIDERATIONS
The LX8586/86A regulators have internal power and thermal
limiting circuitry designed to protect each device under overload
conditions. For continuous normal load conditions, however,
maximum junction temperature ratings must not be exceeded. It is
important to give careful consideration to all sources of thermal
resistance from junction to ambient. This includes junction to case,
case to heat sink interface, and heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified from the IC
junction to the back surface of the case directly opposite the die.
This is the lowest resistance path for heat flow. Proper mounting is
required to ensure the best possible thermal flow from this area of
the package to the heat sink. Thermal compound at the case-to-
heat-sink interface is strongly recommended. If the case of the
device must be electrically isolated, a thermally conductive spacer
can be used, as long as its added contribution to thermal
resistance
is considered. Note that the case of all devices in this series is
electrically connected to the output.
EXAMPLE
Given:
VIN = 5V
VOUT = 2.8V, IOUT = 5.0A
Ambient Temp., TA = 50°C
RΘJT = 2.7°C/W for TO-220
300 ft/min airflow available
Find:
Proper Heat Sink to keep ICs junction temperature
below 125°C.**
Solution:
The junction temperature is:
(
)
A
ΘSA
ΘCS
ΘJT
D
J
T
R
R
R
P
T
+
+
+
=
Where:
PD ≡ Dissipated Power
RΘJT ≡ Thermal resistance from the junction to the
mounting tab of the package.
RΘCS ≡ Thermal resistance through the interface
between the IC and the surface on which it is
mounted. (1.0°C/W at 6 in-lbs mounting screw
torque.)
RΘSA ≡ Thermal resistance from the mounting
surface to ambient (thermal resistance of the heat
sink)
TS ≡ Heat sink temperature.
R JT
R CS
R SA
T
J
T
C
T
S
T
A
First, find the maximum allowable thermal resistance of the
heatsink:
()
W
C
W
C
W
C
A
V
V
C
C
R
A
V
V
I
V
V
P
SA
OUT
OUT
MAX
IN
D
/
1
.
3
)
/
0
.
1
/
7
.
2
(
0
.
5
*
)
28
0
.
5
(
50
125
0
.
5
*
)
8
.
2
0
.
5
(
)
(
R
R
P
T
T
R
)
(
ΘCS
ΘJT
D
A
J
ΘSA
°
=
°
+
°
°
°
=
=
=
+
=
Θ
Next, select a suitable heat sink. The selected heat sink must
have RΘSA < 3.1°C/W. Thermalloy heat sink 6296B ahs RΘSA =
3.0°C/W with 300ft/min air flow.
Finally, verify that junction temperature remains within
specification using the selected heat sink.
**TJ = 11W (2.7°C/W + 1.0°C/W + 3.0°C/W) + 50°C = 124°C.
Although, the device can operate up to 150°C junction, it is recommended
for long term reliability to keep the junction temperature below 125°C
whenever possible.


Similar Part No. - LX8586-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8586-33CP MICROSEMI-LX8586-33CP Datasheet
198Kb / 7P
   6A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8586-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8586-XX MICROSEMI-LX8586-XX Datasheet
198Kb / 7P
   6A LOW DROPOUT POSITIVE REGULATORS
logo
Advanced Power Electron...
APU1160 A-POWER-APU1160 Datasheet
72Kb / 5P
   6A ULTRA LOW DROPOUT POSITIVE
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com