Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8213 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8213
Description  300mA Low Noise CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8213 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8213 Datasheet HTML 1Page - Microsemi Corporation LX8213 Datasheet HTML 2Page - Microsemi Corporation LX8213 Datasheet HTML 3Page - Microsemi Corporation LX8213 Datasheet HTML 4Page - Microsemi Corporation LX8213 Datasheet HTML 5Page - Microsemi Corporation LX8213 Datasheet HTML 6Page - Microsemi Corporation LX8213 Datasheet HTML 7Page - Microsemi Corporation LX8213 Datasheet HTML 8Page - Microsemi Corporation LX8213 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LX8213
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2009
Rev. 1.1, 2009-03-24
300mA Low Noise CMOS LDO Regulator
TM
®
AABSOLUTE MAXIMUM RAT INGS
PACKAGE PIN OUT
VIN.................................................................................................-0.3V to 6.5V
SHDN Input......................................................................... -0.3V to VIN + 0.3V
Output Current........................................................................................ 450mA
Junction Temperature...............................................................................150°C
Storage Temperature Range..................................................... -65
°C to 150°C
Peak Package Solder Reflow Temp. (40 seconds maximum exposure) .260°C
Note: Exceeding these ratings could cause damage to the device. All voltages
are with respect to ground. Currents are positive into and negative out
of the specified terminal.
1
2
3
4
5
VIN
GND
VOUT
FB/NC
SHDN
SE PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Pin Finish
Name
Pin #
Description
SHDN
1
Active Low Shutdown Input. Connect to VIN or a logic level high to enable the device. An internal
3MΩ pull-down resistor disables the device when the SHDN pin is floating.
GND
2
Ground. Connect to the local analog ground or to the circuit board ground plane to maximize thermal
dissipation. Bypass the input and output capacitors to this plane.
VIN
3
Regulator Input. Operating voltage range is from 2.5V to 6V. Bypass VIN to GND with a 1uF
capacitor.
VOUT
4
Regulator Output. Bypass to GND with a 1uF capacitor.
FB
(Adjustable
Output Version)
5
Feedback Input. For the adjustable output version (LX8213-00), the device output voltage can be set
from 1.2V to 5.5V by connecting FB to the center of a resistive voltage divider from VOUT to GND.
Note that FB regulates to 0.8V.
N.C.
(Fixed Output
Version)
5
No Connect. For fixed output versions, pin 5 is a no connect.


Similar Part No. - LX8213

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE-TR MICROSEMI-LX8211-00ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8213

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
319Kb / 2P
   300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com