Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28RHPNP-6R8N Datasheet(PDF) 8 Page - Analog Devices

Part # CDRH5D28RHPNP-6R8N
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH5D28RHPNP-6R8N Datasheet(HTML) 8 Page - Analog Devices

Back Button CDRH5D28RHPNP-6R8N Datasheet HTML 4Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 5Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 6Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 7Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 8Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 9Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 10Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 11Page - Analog Devices CDRH5D28RHPNP-6R8N Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 8 of 28
0
5
10
15
20
25
30
35
40
2
5
8
11
14
17
20
VIN (V)
TJ = −40°C
TJ = +25°C
TJ = +125°C
Figure 16. Shutdown Current vs. VIN
0.792
0.794
0.796
0.798
0.800
0.802
0.804
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 17. 0.8 V Feedback Voltage vs. Temperature
80
85
90
95
100
105
110
–50
–20
10
40
70
100
130
TEMPERATURE (°C)
Figure 18. Minimum On Time vs. Temperature
0
20
40
60
80
100
120
140
160
–50
–20
10
40
70
100
130
fSW = 1.4MHz
fSW = 700kHz
TEMPERATURE (°C)
Figure 19. Minimum Off Time vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
2
5
8
11
14
17
20
VIN (V)
Figure 20. Current-Limit Threshold vs. VIN, VBST − VSW = 5.0 V
–50
–20
10
40
70
100
130
0
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (°C)
Figure 21. Current-Limit Threshold vs. Temperature


Similar Part No. - CDRH5D28RHPNP-6R8N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28RHPNP-6R8NC SUMIDA-CDRH5D28RHPNP-6R8NC Datasheet
176Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH5D28RHPNP-6R8N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
[Old version datasheet]   17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
[Old version datasheet]   17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
[Old version datasheet]   17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com