Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0412A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0412A
Description  SAW Filter 433.92MHz SMD5.0X5.0mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0412A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0412A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0412A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 433.92 MHz
MODEL NO.: TA0412A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: TA = -40 to 85
°C
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
433.92
-
1
Minimum I.L.
(dB)
ILmin
-
3.0
4.0
Pass band (relative to ILmin)
433.67~434.17 MHz
(dB)
-
0.7
3.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
500
950
-
Attenuation:( relative to ILmin)
(dB )
10~412.52
MHz
(dB )
47
52
-
412.52~423.22
MHz
(dB )
40
45
-
423.22~432.92
MHz
(dB )
15
22
-
434.92~444.62
MHz
(dB )
10
15
-
444.62~455.32
MHz
(dB )
38
43
-
1
455.32~1000
MHz
(dB )
43
48
-
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
768
Ω // 2.7 pF
768
Ω // 2.7 pF
Note1. The standard definitions is in JIS C 6703
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0412A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0412A GOLLEDGE-TA0412A Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
More results

Similar Description - TA0412A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05781 GOLLEDGE-MA05781 Datasheet
217Kb / 4P
   SAW Filter 433.92MHz
MA05276 GOLLEDGE-MA05276 Datasheet
292Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1884B TAI-SAW-TA1884B Datasheet
271Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03125 GOLLEDGE-MP03125 Datasheet
204Kb / 6P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1783A TAI-SAW-TA1783A Datasheet
390Kb / 7P
   SAW Filter 433.92MHz
TA1784A TAI-SAW-TA1784A Datasheet
304Kb / 7P
   SAW Filter 433.92MHz
logo
Golledge Electronics Lt...
MP03049 GOLLEDGE-MP03049 Datasheet
136Kb / 4P
   SAW Filter 433.92MHz
MA04316 GOLLEDGE-MA04316 Datasheet
124Kb / 4P
   SAW Filter 433.92MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0264A TAI-SAW-TA0264A Datasheet
481Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
TA0307A TAI-SAW-TA0307A Datasheet
482Kb / 5P
   SAW Filter 433.92MHz SMD5X5mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com