Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX803 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # APX803
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803 Datasheet(HTML) 1 Page - Diodes Incorporated

  APX803 Datasheet HTML 1Page - Diodes Incorporated APX803 Datasheet HTML 2Page - Diodes Incorporated APX803 Datasheet HTML 3Page - Diodes Incorporated APX803 Datasheet HTML 4Page - Diodes Incorporated APX803 Datasheet HTML 5Page - Diodes Incorporated APX803 Datasheet HTML 6Page - Diodes Incorporated APX803 Datasheet HTML 7Page - Diodes Incorporated APX803 Datasheet HTML 8Page - Diodes Incorporated APX803 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APX803
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803
1 of 10
MARCH 2010
Document number: DS32132 Rev. 1 – 2
www.diodes.com
© Diodes Incorporated
Precision Monitoring of +2.5V, +3V, +3.3V, and +5V
Power-Supply Voltages
Fully Specified Over Temperature
Available in three Output Configurations
Open-drain
RESET Active Low
200ms Typ Power-On Reset Pulse Width
30µA Supply Current (Typ.)
Guaranteed Reset Valid to VCC = +1V
No External Components
SOT23 and SOT23R: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
The APX803 is used for microprocessor (µP) supervisory circuits
to monitor the power supplies in µP and digital systems. They
provide excellent circuit reliability and low cost by eliminating
external components and adjustments when used with +5V,
+3.3V, +3.0V powered circuits.
These circuits perform a single function: they assert a reset
signal on power up and whenever the VCC supply voltage
declines below a preset threshold, keeping it asserted for at least
140ms after VCC has risen above the reset threshold. Reset
thresholds suitable for operation with a variety of supply voltages
are available. The APX803 have an open collector active low
RESET output. The reset comparator is designed to ignore
fast transients on VCC, and the outputs are guaranteed to be in
the correct logic state for VCC down to 1V. Low supply current
makes the APX803 ideal for use in portable equipment. The
APX803 is available in two pin out variants of the 3-pin SOT23
and SOT23R packages.
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery Powered Equipment
APX803
GND
RESET
Vcc
Microprocessor
Vcc
GND
RESET
INPUT
Vcc
CIN
100nF
Features
General Description
Applications
Typical Application Circuit


Similar Part No. - APX803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803-26SA DIODES-APX803-26SA Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
More results

Similar Description - APX803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com