Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1338-31DVGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 1338-31DVGI
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-31DVGI Datasheet(HTML) 5 Page - Integrated Device Technology

  1338-31DVGI Datasheet HTML 1Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 2Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 3Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 4Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 5Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 6Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 7Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 8Page - Integrated Device Technology 1338-31DVGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IDT1338
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
RTC
IDT®
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 5
IDT1338
REV K 032910
Power Control
A precise, temperature-compensated voltage reference and
a comparator circuit provides power-control function that
monitors the VCC level. The device is fully accessible and
data can be written and read when VCC is greater than VPF.
However, when VCC falls below VPF, the internal clock
registers are blocked from any access. If VPF is less than
VBAT, the device power is switched from VCC to VBAT when
VCC drops below VPF. If VPF is greater than VBAT, the device
power is switched from VCC to VBAT when VCC drops below
VBAT. The registers are maintained from the VBAT source
until VCC is returned to nominal levels (Table 1). After VCC
returns above VPF, read and write access is allowed after
tREC (see the “Power-Up/Down Timing” diagram).
Table 1. Power Control
Power-up/down Timing
Table 2. Power-up/down Characteristics
Ambient Temperature -40 to +85° C
Note
: This delay applies only if the oscillator is running. If the oscillator is disabled or stopped, no power-up delay
occurs.
Supply Condition
Read/Write
Access
Powered
By
VCC < VPF, VCC < VBAT
No
VBAT
VCC < VPF, VCC > VBAT
No
VCC
VCC > VPF, VCC < VBAT
Yes
VCC
VCC > VPF, VCC > VBAT
Yes
VCC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Recovery at Power-up
tREC
(see note below)
2
ms
VCC Fall Time; VPF(MAX) to VPF(MIN)
tVCCF
300
µs
VCC Rise Time; VPF(MIN) to VPF(MAX)
tVCCR
0
µs


Similar Part No. - 1338-31DVGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-31DVGI IDT-1338-31DVGI Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DVGI RENESAS-1338-31DVGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Integrated Device Techn...
1338-31DVGI8 IDT-1338-31DVGI8 Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-31DVGI8 RENESAS-1338-31DVGI8 Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
More results

Similar Description - 1338-31DVGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338 Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com