Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2305B-1HDCGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 2305B-1HDCGI
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305B-1HDCGI Datasheet(HTML) 1 Page - Integrated Device Technology

  2305B-1HDCGI Datasheet HTML 1Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 2Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 3Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 4Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 5Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 6Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 7Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 8Page - Integrated Device Technology 2305B-1HDCGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305B
3.3VZERODELAYCLOCKBUFFER
JANUARY 2010
2010
Integrated Device Technology, Inc.
DSC 6994/5
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Phase-Lock Loop Clock Distribution
• 10MHz to 133MHz operating frequency
• Distributes one clock input to one bank of five outputs
• Zero Input-Output Delay
• Output Skew < 250ps
• Low jitter <175 ps cycle-to-cycle
• 50ps typical cycle-to-cycle jitter (15pF, 66MHz)
• IDT2305B-1 for Standard Drive
• IDT2305B-1H for High Drive
• No external RC network required
• Operates at 3.3V VDD
• Power down mode
• Available in SOIC and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT2305B
3.3V ZERO DELAY
CLOCK BUFFER
DESCRIPTION:
The IDT2305B is a high-speed phase-lock loop (PLL) clock buffer,
designed to address high-speed clock distribution applications. The zero
delay is achieved by aligning the phase between the incoming clock and
the output clock, operable within the range of 10 to 133MHz.
The IDT2305B is an 8-pin version of the IDT2309B. IDT2305B accepts
one reference input, and drives out five low skew clocks. The -1H version
of this device operates, up to 133MHz frequency and has a higher drive
than the -1 device. All parts have on-chip PLLs which lock to an input clock
on the REF pin. The PLL feedback is on-chip and is obtained from the
CLKOUT pad. In the absence of an input clock, the IDT2305B enters power
down. In this mode, the device will draw less than 25µA, the outputs are
tri-stated, and the PLL is not running, resulting in a significant reduction of
power.
The IDT2305B is characterized for both Industrial and Commercial
operation.
PLL
8
CLK1
CLK2
CLK3
CLK4
Control
Logic
REF
CLKOUT
1
3
2
5
7
NOTE: EOL for non-green parts to occur on 5/13/10 per
PDN U-09-01


Similar Part No. - 2305B-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2305B-1HDCGI IDT-2305B-1HDCGI Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1HDCGI IDT-2305B-1HDCGI Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
2305B-1HDCGI RENESAS-2305B-1HDCGI Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
logo
Integrated Device Techn...
2305B-1HDCGI8 IDT-2305B-1HDCGI8 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
2305B-1HDCGI8 RENESAS-2305B-1HDCGI8 Datasheet
368Kb / 13P
   3.3V ZERO DELAY CLOCK BUFFER
APRIL 2016
More results

Similar Description - 2305B-1HDCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com