Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1338-18DVGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 1338-18DVGI8
Description  REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1338-18DVGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  1338-18DVGI8 Datasheet HTML 1Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 2Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 3Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 4Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 5Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 6Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 7Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 8Page - Integrated Device Technology 1338-18DVGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DATASHEET
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
IDT1338
IDT®
REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM 1
IDT1338
REV K 032910
General Description
The IDT1338 is a serial real-time clock (RTC) device that
consumes ultra-low power and provides a full binary-coded
decimal (BCD) clock/calendar with 56 bytes of battery
backed Non-Volatile Static RAM. The clock/calendar
provides seconds, minutes, hours, day, date, month, and
year information. The clock operates in either the 24-hour
or 12-hour format with AM/PM indicator. The end of the
month date is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. Access to
the clock/calendar registers is provided by an I2C interface
capable of operating in fast I2C mode. Built-in Power-sense
circuitry detects power failures and automatically switches
to the backup supply, maintaining time and date operation.
Applications
Telecom (Routers, Switches, Servers)
Handheld (GPS, Point of Sale POS terminals)
Consumer Electronics (Set-Top Box, Digital Recording,
Network Applications, Digital photo frames)
Office (Fax/Printers, Copiers)
Medical (Glucometer, Medicine Dispensers)
Others (Thermostats, Vending Machines, Modems, Utility
Meters)
Features
Real-Time Clock (RTC) counts seconds, minutes, hours,
day, date, month, and year with leap-year compensation
valid up to 2100
56-Byte battery-backed Non Volatile RAM for data
storage
Fast mode I2C Serial interface
Automatic power-fail detect and switch circuitry
Programmable square-wave output
Packaged in 8-pin MSOP, 8-pin SOIC, or 16-pin SOIC
(surface-mount package with an integrated crystal)
Industrial temperature range (-40°C to +85°C)
Block Diagram
VCC
GND
VBAT
SCL
SDA
Crystal inside package
for 16-pin SOIC ONLY
X1
X2
1 Hz/4.096 kHz/
8.192 kHz/32.768 kHz
SQW/OUT
Power
Control
I
2C
Interface
32.768 kHz
Oscillator and
Divider
Control
Logic
MUX/
Buffer
Clock, Calendar
Counter
56 Byte
RAM
1 Byte
Control
7 Bytes
Buffer


Similar Part No. - 1338-18DVGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1338-18DVGI8 IDT-1338-18DVGI8 Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
More results

Similar Description - 1338-18DVGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT1338B-31 RENESAS-IDT1338B-31 Datasheet
649Kb / 24P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
112309
logo
Integrated Device Techn...
IDT1338 IDT-IDT1338 Datasheet
436Kb / 23P
   REAL-TIME CLOCK WITH BATTERY BACKED NON-VOLATILE RAM
logo
Renesas Technology Corp
1338-18DCGI RENESAS-1338-18DCGI Datasheet
748Kb / 24P
   Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410_13 Datasheet
1Mb / 60P
   Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
11/29/12 2010-2013
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
logo
Microchip Technology
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com