Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KV1941A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # KV1941A
Description  VARACTOR DIODES UHF Microwave Super-Hyperabrupt Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

KV1941A Datasheet(HTML) 2 Page - Microsemi Corporation

  KV1941A Datasheet HTML 1Page - Microsemi Corporation KV1941A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KV1911A – KV1991A
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-02-03
RoHS Compliant
VARACTOR DIODES
UHF Microwave Super-Hyperabrupt Junction
TM
®
MICROWAVE HYPERABRUPT VARACTORS
Notes
1.
Q is determined at VR= 4V, ƒ =50 MHz by
fRsCj
2
/
1
2.
Specs apply to -00 (chip) version. Some limitations apply to packaged versions. Consult factory for more details.
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
CJ (pF)
2
ƒ = 1 MHz
TUNING
RATIO
2
QUALITY
FACTOR
1
MODEL
NUMBER
VR = 1V
Min
VR = 2.5V
Min - Max
VR = 4V
Max
VR = 8V
Max
CJ(-1V) / CJ(-8V)
Typ
Typ.
KV1911A – 00
36
18 - 27
11.8
6
6.0
400
KV1951A – 00
26
13 - 20
8.8
4.5
5.8
500
KV1921A – 00
17
8.3 - 12.8
5.8
3
5.7
600
KV1931A – 00
13
6.3 - 9.8
4.3
2.5
5.6
750
KV1941A – 00
9
4.3 - 6.3
2.8
1.5
5.4
900
KV1961A – 00
3.8
1.8 - 2.8
1.3
0.8
5.1
1200
KV1971A – 00
1.65
0.9 - 1.35
0.6
0.35
4.7
1400
KV1981A – 00
1.2
0.6 - 0.9
0.45
0.3
4.3
1600
KV1991A – 00
0.6
0.3 - 0.6
0.25
0.15
3.9
1800
CJ VS VOLTAGE
PACKAGE STYLE 00
0.0
0.1
1.0
10.0
100.0
0.1
1
10
VR (V)
KV1941A
KV1971A
KV1911A
KV1991A
Microsemi offers a wide selection of package options
depending on your circuit application. Please consult
the factory for assistance.
Dimension
Nominal
A
0.015”
B
0.015”
C
0.005”
D
Depends on Part#
Consult Factory for Details


Similar Part No. - KV1941A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV1941A MICROSEMI-KV1941A Datasheet
58Kb / 1P
   UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES
More results

Similar Description - KV1941A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV1911A MICROSEMI-KV1911A Datasheet
58Kb / 1P
   UHF-MICROWAVE SUPER HYPERABRUPT JUNCTION VARACTOR DIODES
KV2111 MICROSEMI-KV2111 Datasheet
100Kb / 2P
   VARACTOR DIODES Microwave Hyperabrupt Junction
KV2001 MICROSEMI-KV2001 Datasheet
121Kb / 4P
   VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
logo
Microsemi Corporation
KV1401 MICROSEMI-KV1401 Datasheet
129Kb / 3P
   VARACTOR DIODES HF/VHF Super Hyperabrupt Junction TM
logo
List of Unclassifed Man...
SG-950 ETC2-SG-950 Datasheet
233Kb / 12P
   SUPER HYPERABRUPT TUNING VARACTOR DIODES
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1211-001LF SKYWORKS-SMVA1211-001LF Datasheet
541Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com