Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1894K-32LF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 1894K-32LF
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

1894K-32LF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 1894K-32LF Datasheet HTML 6Page - Integrated Device Technology 1894K-32LF Datasheet HTML 7Page - Integrated Device Technology 1894K-32LF Datasheet HTML 8Page - Integrated Device Technology 1894K-32LF Datasheet HTML 9Page - Integrated Device Technology 1894K-32LF Datasheet HTML 10Page - Integrated Device Technology 1894K-32LF Datasheet HTML 11Page - Integrated Device Technology 1894K-32LF Datasheet HTML 12Page - Integrated Device Technology 1894K-32LF Datasheet HTML 13Page - Integrated Device Technology 1894K-32LF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ICS1894-32
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
10
ICS1894-32
REV G 020509
RMII Signal Definition
The following table describes the RMII signals. Refer to RMII Specification for detailed information.
Reference Clock (REFIN)
REFIN is sourced by the MAC or system board. It is a
continuous 50MHz clock that provides the timing reference
for TX_EN, TXD[1:0], CRS_DV, RXD[1:0], and RX_ER.
Transmit Enable (TX_EN)
TX_EN indicates that the MAC is presenting di-bits on
TXD[1:0] for transmission. It is asserted synchronously with
the first nibble of the preamble and remains asserted while
all di-bits to be transmitted are presented on the RMII, and
is negated prior to the first REFIN following the final di-bit of
a frame. TX_EN transitions synchronously with respect to
REFIN.
Transmit Data [1:0] (TXD[1:0])
TXD[1:0] transitions synchronously with respect to REFIN.
When TX_EN is asserted, TXD[1:0] are accepted for
transmission by the PHY. TXD[1:0] is ”00” to indicate idle
when TX_EN is de-asserted. Values other than “00” on
TXD[1:0] while TX_EN is de-asserted are ignored by the
PHY.
Carrier Sense/Data Valid (CRS_DV[RXDV])
CRS_DV, identified as RXDV (pin 18), shall be asserted by
the PHY when the receive medium is non-idle. The specifics
of the definition of idle for 10BASE-T and 100BASE-X are
contained in IEEE 802.3 [1] and IEEE 802.3u [2]. CRS_DV
is asserted asynchronously on detection of carrier due to
the criteria relevant to the operating mode. That is, in
10BASE-T mode, when squelch is passed or in 100BASE-X
mode when 2 non-contiguous zeroes in 10 bits are detected
carrier is said to be detected.
Loss of carrier shall result in the deassertion of CRS_DV
synchronous to the cycle of REFIN which presents the first
di-bit of a nibble onto RXD[1:0] (i.e. CRS_DV is deasserted
only on nibble boundaries). If the PHY has additional bits to
be presented on RXD[1:0] following the initial deassertion of
CRS_DV, then the PHY shall assert CRS_DV on cycles of
REFIN which present the second di-bit of each nibble and
deassert CRS_DV on cycles of REFIN which present the
first di-bit of a nibble. The result is: Starting on nibble
boundaries CRS_DV toggles at 25 MHz in 100Mb/s mode
and 2.5 MHz in 10Mb/s mode when the Carrier event ends
before the RX_DV signal internal to the PHY is deasserted
(i.e. the FIFO still has bits to transfer when the carrier event
ends.) Therefore, the MAC can accurately recover RX_DV
and the Carrier event end time. During a false carrier event,
CRS_DV shall remain asserted for the duration of carrier
activity.
The data on RXD[1:0] is considered valid once CRS_DV is
asserted. However, since the assertion of CRS_DV is
asynchronous relative to REFIN, the data on RXD[1:0] shall
be "00" until proper receive signal decoding takes place (see
definition of RXD[1:0] behavior).
*Note: CRS_DV is asserted asynchronously in order to
minimize latency of control signals through the PHY.
Receive Data [1:0] (RXD[1:0])
RXD[1:0] transitions synchronously to REFIN. For each
clock period in which CRS_DV is asserted, RXD[1:0]
transfers two bits of recovered data from the PHY. RXD[1:0]
is "00" to indicate idle when CRS_DV is de-asserted. Values
other than “00” on RXD[1:0] while CRS_DV is de-asserted
are ignored by the MAC.
RMII Signal Name
Direction
(with respect to PHY,
ICS1894-32 signal)
Direction
(with respect to MAC)
Description
REFIN
Input
Input or Output
Synchronous 50 MHz clock reference for
receive, transmit and control interface
TX_EN
Input
Output
Transmit Enable
TXD[1:0]
Input
Output
Transmit Data [1:0]
RXD[1:0
Output
Input
Receive Data [1:0]
RX_ER
Output
Input, or (not required)
Receive Error
CRS_DV[RXDV]
Output
Input
Carrier Sense/Data Valid


Similar Part No. - 1894K-32LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
1894K-32LF IDT-1894K-32LF Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
1894K-32LF RENESAS-1894K-32LF Datasheet
513Kb / 51P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
logo
Integrated Device Techn...
1894K-32LFT IDT-1894K-32LFT Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
1894K-32LFT RENESAS-1894K-32LFT Datasheet
513Kb / 51P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
More results

Similar Description - 1894K-32LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-33 RENESAS-ICS1894-33 Datasheet
554Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
021612
ICS1894-40 RENESAS-ICS1894-40 Datasheet
575Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
022412
ICS1894-43 RENESAS-ICS1894-43 Datasheet
505Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
030112
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com