Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8906F Datasheet(PDF) 3 Page - Rohm

Part # BD8906F
Description  IC card interface ICs with Built-in DC / DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8906F Datasheet(HTML) 3 Page - Rohm

  BD8906F Datasheet HTML 1Page - Rohm BD8906F Datasheet HTML 2Page - Rohm BD8906F Datasheet HTML 3Page - Rohm BD8906F Datasheet HTML 4Page - Rohm BD8906F Datasheet HTML 5Page - Rohm BD8906F Datasheet HTML 6Page - Rohm BD8906F Datasheet HTML 7Page - Rohm BD8906F Datasheet HTML 8Page - Rohm BD8906F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BD8904F, BD8904FV, BD8905F, BD8906F, BD8906FV, BD8907F
Technical Note
3/15
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
VREF
VDET
TSD
2.7MHz
OSC
XT OSC
CLK
DIV
SEQUENCER
CARD REG
RST BUF
CLK BUF
IO TRANS
IO TRANS
IO TRANS
CHGPUMP
REF
S1
S2
PGND
VCH
VREG
RST
CLK
PRES
PRESB
AUX1
AUX2
IO
CGND
2.7V - 5.5V
PORADJ
XTAL1
XTAL2
CLKDIV1
CLKDIV2
AUX1C
AUX2C
IOC
GND
VREF
CMDVCCB
RSTIN
OFFB
VSEL
CLK
3.0V - 5.5V
LVS
VDD
VDDP
VDD
DETREF
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VREG
VREG
VREG
EN2
EN5
EN4
EN
VCC
ALARM
TSD
ALARM
2MHz - 26MHz
MAX 1MHz
MAX 1MHz
MAX 1MHz
3V/5V
doubler
VDD
VDD
EN1
CHARGE PUMP
doubler
R1
R2
Block Diagram
Fig. 3


Similar Part No. - BD8906F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD890CS PANJIT-BD890CS Datasheet
122Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890CT PANJIT-BD890CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890S PANJIT-BD890S Datasheet
123Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890T PANJIT-BD890T Datasheet
47Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD890YS PANJIT-BD890YS Datasheet
88Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD8906F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9122GUL ROHM-BD9122GUL Datasheet
337Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
BD9109FVM ROHM-BD9109FVM Datasheet
329Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous Rectifier
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8645EFV ROHM-BD8645EFV Datasheet
263Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD9140MUV ROHM-BD9140MUV Datasheet
340Kb / 6P
   1ch DC/DC Converter IC built in synchronous rectifier
BD9130NV ROHM-BD9130NV Datasheet
337Kb / 6P
   1ch DC/DC Converter IC built in Synchronous rectifier
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
   1ch DC/DC Converter IC built in Synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com