Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8624EFV Datasheet(PDF) 3 Page - Rohm

Part # BD8624EFV
Description  Built-in 1ch FET Synchronous Rectification Type DC/DC converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8624EFV Datasheet(HTML) 3 Page - Rohm

  BD8624EFV Datasheet HTML 1Page - Rohm BD8624EFV Datasheet HTML 2Page - Rohm BD8624EFV Datasheet HTML 3Page - Rohm BD8624EFV Datasheet HTML 4Page - Rohm BD8624EFV Datasheet HTML 5Page - Rohm BD8624EFV Datasheet HTML 6Page - Rohm BD8624EFV Datasheet HTML 7Page - Rohm BD8624EFV Datasheet HTML 8Page - Rohm BD8624EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 / 14
Permissible loss
This package is a product of which the feature is the high heat radiation, and connect the back to GND
based on recommended land pattern when you mount.
ROHM standard substrate specification
Material 4 layer glass epoxy substrate(back copper foil70mm×70mm)
Size 70mm×70mm×1.6mmt(Sarmalbiaing is in the substrate.)
Figure 1 Heat decrease curve
※These values are the actual measurement values, and no guarantee values.
θjc
[℃/W]
θja
[℃/W]
T
STGmin
[℃]
T
STGmax
[℃]
T
a min
[℃]
T
a max
[℃]
Tcmax
[℃]
T
j max
19.0
31.3
-50.0
150.0
-45.0
85.0
150.0
150.0
Destruction
temperature
[℃]
Destruction
temperature


Similar Part No. - BD8624EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8624EFV ROHM-BD8624EFV Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8624EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8621EFV ROHM-BD8621EFV Datasheet
721Kb / 15P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8627EFV ROHM-BD8627EFV Datasheet
624Kb / 13P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8629FS ROHM-BD8629FS Datasheet
615Kb / 12P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
BD8622EFV ROHM-BD8622EFV_09 Datasheet
527Kb / 16P
   Built-in 1ch FET Light Load Type DC / DC converters
BD8622EFV ROHM-BD8622EFV Datasheet
778Kb / 16P
   Built-in 1ch FET Light Load Type DC/DC converters
BD8641EFV ROHM-BD8641EFV Datasheet
260Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8643FV ROHM-BD8643FV Datasheet
157Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD8645EFV ROHM-BD8645EFV Datasheet
263Kb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
BD9110NV ROHM-BD9110NV Datasheet
312Kb / 5P
   1ch DC/DC Converter IC built in Synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com