Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GG75430-01 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG75430-01
Description  REFLECTIVE SP5T SWITCH with TTL Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG75430-01 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG75430-01 Datasheet HTML 1Page - Microsemi Corporation GG75430-01 Datasheet HTML 2Page - Microsemi Corporation GG75430-01 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GG75430
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
REFLECTIVE SP5T SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Coaxial Assembly
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Coaxial Connection
Internal TTL Driver
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W


Similar Part No. - GG75430-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-01 MICROSEMI-GG75420-01 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-02 MICROSEMI-GG75420-02 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-03 MICROSEMI-GG75420-03 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG75420-04 MICROSEMI-GG75420-04 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
More results

Similar Description - GG75430-01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML027 MACOM-MASWML027 Datasheet
81Kb / 1P
   SP5T Reflective Switch with TTL SP5T Reflective Switch with TTL
logo
Microsemi Corporation
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
logo
Tyco Electronics
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
   SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Microsemi Corporation
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
   REFLECTIVE SPST SWITCH with TTL Driver
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
   REFLECTIVE SPDT SWITCH with TTL Driver
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG75030 MICROSEMI-GG75030 Datasheet
85Kb / 2P
   REFLECTIVE SP5T SWITCH MODULES
logo
Tyco Electronics
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
   SP5T PIN Diode Reflective Switch
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
   AlGaAs SP5T Reflective PIN Diode Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com