Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8179MUV Datasheet(PDF) 6 Page - Rohm

Part # BD8179MUV
Description  5V Input Multi-channel System Power Supply IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8179MUV Datasheet(HTML) 6 Page - Rohm

Back Button BD8179MUV Datasheet HTML 2Page - Rohm BD8179MUV Datasheet HTML 3Page - Rohm BD8179MUV Datasheet HTML 4Page - Rohm BD8179MUV Datasheet HTML 5Page - Rohm BD8179MUV Datasheet HTML 6Page - Rohm BD8179MUV Datasheet HTML 7Page - Rohm BD8179MUV Datasheet HTML 8Page - Rohm BD8179MUV Datasheet HTML 9Page - Rohm BD8179MUV Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BD8179MUV
Technical Note
6/12
www.rohm.com
2009.07 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Block Function
Step-up Controller
A controller circuit for DC/DC boosting.
The switching duty is controlled so that the feedback voltage FB is set to 1.233 V (typ.).
A soft start operates at the time of starting.
Gate-on Controller
A controller circuit for the positive-side charge pump.
The liner regulator controls so that the feedback voltage FBP will be set to 1.25 V (typ.).
Gate-off Controller
A controller circuit for the negative-side charge pump.
The liner regulator controls so that the feedback voltage FBN will be set to 0.25 V (Typ.).
Gate Shading Controller
A controller circuit for MOS FET Switch
The COM switching synchronize with CTL input.
Start-up Controller
A control circuit for the starting sequence.
Controls to start in order of VCC
VMAIN VGOFF/VGONVCOM
REF
A block that generates internal reference voltage. 1.25V (Typ.) is output.
TSD/UVLO/OVP
Thermal shutdown/Under-voltage lockout protection/circuit blocks.
The thermal shutdown circuit is shut down at an IC internal temperature of 175°C and reactivate at 160°C.
The under-voltage lockout protection circuit shuts down the IC when the VIN is 2.4 V (typ.) or below.
The over-voltage lockout protection circuit shuts down the IC when the SUP is 19.0 V (typ.) or over.
OP1~OP5
Operational amplifier block
Starting sequence
UVLO released when VIN voltage reaches 2.4V
Step up DCDC converter starts switching, and VGON and VGOFF starts.
VDEL starts.
VCOM ON when VDEL reaches 1.25V
VIN
VMAIN
VGON/VGOFF
VDEL
VCOM
3.25ms
15ms
2.4
1.25V
VGON
VGOFF


Similar Part No. - BD8179MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8174MU ROHM-BD8174MU Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
BD8174MUV ROHM-BD8174MUV Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
BD8174MUV-E2 ROHM-BD8174MUV-E2 Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
More results

Similar Description - BD8179MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com