Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GG72220-01 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG72220-01
Description  ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72220-01 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG72220-01 Datasheet HTML 1Page - Microsemi Corporation GG72220-01 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GG72220
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Drop in Module
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Microstrip/Stripline Compatible
Consistent VSWR
Internal TTL Driver
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W


Similar Part No. - GG72220-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72230-01 MICROSEMI-GG72230-01 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72230-02 MICROSEMI-GG72230-02 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72230-03 MICROSEMI-GG72230-03 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72230-04 MICROSEMI-GG72230-04 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
More results

Similar Description - GG72220-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72420 MICROSEMI-GG72420 Datasheet
100Kb / 3P
   ABSORPTIVE SPDT SWITCH with TTL Driver
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
   ABSORPTIVE SPST SWITCH MODULES with TTL Driver
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
   ABSORPTIVE SPST SWITCH with TTL Driver
GG72120 MICROSEMI-GG72120 Datasheet
90Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with Bias Circuit
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
   REFLECTIVE SPDT SWITCH with TTL Driver
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
   REFLECTIVE SPST SWITCH MODULES with TTL Driver
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
logo
M/A-COM Technology Solu...
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
145Kb / 4P
   GaAs SPDT Absorptive Switch
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
   GaAs SPDT Switch, Absorptive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com