Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0319A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0319A
Description  SAW Filter 1960 MHz for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0319A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0319A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0319A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E. FREQUENCY CHRACTERISTICS:
1. Transfer function (25 ℃)
(wideband)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1660
1720
1780
1840
1900
1960
2020
2080
2140
2200
2260
Freq.(MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
600
1200
1800
2400
3000
3600
4200
4800
5400
6000
Freq.(MHz)


Similar Part No. - TA0319A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0319A GOLLEDGE-TA0319A Datasheet
196Kb / 5P
   SAW Filter 1960.0MHz
More results

Similar Description - TA0319A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0246A TAI-SAW-TA0246A Datasheet
391Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
TA0175B TAI-SAW-TA0175B Datasheet
430Kb / 7P
   SAW Filter 1960 MHz for Mobile Communication
logo
EPCOS
B4223 EPCOS-B4223 Datasheet
135Kb / 11P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5 / 1960 MHz
B9203 EPCOS-B9203 Datasheet
85Kb / 9P
   SAW Components Low-Loss Dual Band Filter for Mobile Communication 1960 / 881,5 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0206A TAI-SAW-TA0206A Datasheet
557Kb / 6P
   SAW Filter 1842.5 MHz for Mobile Communication
TA0218A TAI-SAW-TA0218A Datasheet
402Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0401B TAI-SAW-TA0401B Datasheet
729Kb / 8P
   SAW Filter 1950 MHz for Mobile Communication
TA0685A TAI-SAW-TA0685A Datasheet
387Kb / 9P
   SAW Filter 1747.5 MHz for Mobile Communication
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
TA0219A TAI-SAW-TA0219A Datasheet
386Kb / 7P
   SAW Filter 1842.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com