Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GG72020-04 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG72020-04
Description  ABSORBTIVE SPDT SWITCH MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG72020-04 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG72020-04 Datasheet HTML 1Page - Microsemi Corporation GG72020-04 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GG72020
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
ABSORBTIVE SPDT SWITCH MODULES
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT:
For the most current data, consult MICROSEMI’s website
: www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
Notes:
1. RF Power Handling; 0.5W CW.
2. Switching Speed: Rise time and Fall time, 1.0µsec (max)
3. Required D.C. Bias: Insertion Loss, -35 mA.; Isolation, +30 mA.
4. Switching Speed is measured from 10%-90% and from 90%-10% of the detected RF pulse with a 100 kHz maximum switching rate.
5. Temperature Rating: Operating, -55 to +95°C; Storage, -55 to +125°C.
6. Only the outputs are matched in the isolated state. The input is matched only when one path is in the loss state.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Drop in SPDT Module
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Microstrip/Stripline Compatible
RoHS Compliant
Consistent VSWR
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W
GUARANTEED ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
Model Number
Frequency
Range
Insertion Loss
1 (dB)
(Max)
Isolation
1(dB)
(Min)
VSWR
(Max)
GG72020-01
0.5 - 4.0
1.4
60
1.5:1
GG72020-02
2.0 - 8.0
1.8
55
1.7:1
GG72020-03
4.0 - 12.4
2.0
50
1.8:1
GG72020-04
8.0 - 18.0
2.5
40
1.9:1
GG72020-05
2.0 - 18.0
2.5
40
2.0:1


Similar Part No. - GG72020-04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
GG72030-01 MICROSEMI-GG72030-01 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
GG72030-02 MICROSEMI-GG72030-02 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
GG72030-03 MICROSEMI-GG72030-03 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
GG72030-04 MICROSEMI-GG72030-04 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
More results

Similar Description - GG72020-04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG71020 MICROSEMI-GG71020 Datasheet
87Kb / 2P
   ABSORBTIVE SPST SWITCH MODULES
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
   ABSORBTIVE SP5T SWITCH with TTL Driver
GG72120 MICROSEMI-GG72120 Datasheet
90Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with Bias Circuit
GG72230 MICROSEMI-GG72230 Datasheet
85Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES with TTL Driver
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
   ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
GG72130 MICROSEMI-GG72130 Datasheet
91Kb / 2P
   REFLECTIVE SPDT SWITCH MODULES w/ Bias Circuitry
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com