Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC15009 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # GC15009
Description  TUNING DIODES Frequency Linear Tuning Varactors TM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC15009 Datasheet(HTML) 4 Page - Microsemi Corporation

  GC15009 Datasheet HTML 1Page - Microsemi Corporation GC15009 Datasheet HTML 2Page - Microsemi Corporation GC15009 Datasheet HTML 3Page - Microsemi Corporation GC15009 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GC15001 – GC15013
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 4
TUNING DIODES
Frequency Linear Tuning Varactors
TM
®
RoHS Compliant
PACKAGE OPTIONS
PAC K AG E ST YLE 00
PAC K AG E ST YLE 17
Notes:
Chip style package for hybrid circuits
Dimensions vary by model number
Consult factory for details
Order as GC15xxxx – 00
Notes:
Hermetic – Stripline -Surface Mount Package
Order as GC15xxxx – 17
PACKAGE STYLE 450A - E
Notes:
Non-Hermetic – Surface Mount Package
Order as GC15xxxx – 450A or 450B
MANY OT HER PACKAGE STYLES AVAILABLE ON REQUEST
CONSULT FACTORY
Copyright
 2006
Rev: 2008-12-08


Similar Part No. - GC15009

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC1500 MICROSEMI-GC1500 Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
GC1500 MICROSEMI-GC1500 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
GC1500A MICROSEMI-GC1500A Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
More results

Similar Description - GC15009

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY34C SIEMENS-BBY34C Datasheet
21Kb / 2P
   Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 ??12 V)
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com