Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0289A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0289A
Description  SAW Filter 159.0125MHz SMD 7.0횞5.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0289A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0289A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0289A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Similar Part No. - TA0289A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0289A GOLLEDGE-TA0289A Datasheet
115Kb / 5P
   SAW Filter 159.0125MHz
More results

Similar Description - TA0289A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0318A TAI-SAW-TB0318A Datasheet
459Kb / 6P
   SAW Filter 40MHz SMD 7.0횞5.0 mm
TA0395A TAI-SAW-TA0395A Datasheet
471Kb / 6P
   SAW Filter 159.1625MHz SMD 7.0횞5.0 mm
TA0378A TAI-SAW-TA0378A Datasheet
462Kb / 5P
   SAW Filter 184MHz SMD 7.0횞5.0 mm
TA0377A TAI-SAW-TA0377A Datasheet
464Kb / 5P
   SAW Filter 169MHz SMD 7.0횞5.0 mm
TB1193A TAI-SAW-TB1193A Datasheet
210Kb / 7P
   SAW Filter 156.25MHz (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
logo
Golledge Electronics Lt...
MA04627 GOLLEDGE-MA04627 Datasheet
115Kb / 5P
   SAW Filter 159.0125MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com