Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0283A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0283A
Description  SAW Filter 315.5MHz TO39
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0283A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0283A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0283A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0283A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0283A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Filter 315.5MHz TO39
TST Parts No.: TA0283A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Jacky Huang
Approval by:
Francis Chen
Date:
2003/5/16


Similar Part No. - TA0283A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA028-048-36-17 TRANSCOM-TA028-048-36-17 Datasheet
17Kb / 1P
   2.8 - 4.8 GHz 17 dBm Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA0280A TAI-SAW-TA0280A Datasheet
296Kb / 5P
   SAW Filter 868.30MHz SMD5X5mm
logo
Golledge Electronics Lt...
TA0280A GOLLEDGE-TA0280A Datasheet
108Kb / 4P
   SAW Filter 868.3MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0281A TAI-SAW-TA0281A Datasheet
980Kb / 6P
   SAW Filter 915 MHz
TA0281A TAI-SAW-TA0281A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TA0283A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS31601 SIPAT-LBS31601 Datasheet
155Kb / 4P
   315.5MHz SAW Filter 5MHz Bandwidth
LBS31601 SIPAT-LBS31601 Datasheet
150Kb / 4P
   315.5MHz SAW Filter 5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0234A TAI-SAW-TA0234A Datasheet
240Kb / 4P
   SAW Filter 315MHz TO39
TB0716A TAI-SAW-TB0716A Datasheet
360Kb / 6P
   SAW Filter 490MHz (TO39)
TB0222A TAI-SAW-TB0222A Datasheet
177Kb / 4P
   SAW Filter 480 MHz TO39
TD0111A TAI-SAW-TD0111A Datasheet
215Kb / 3P
   SAW Resonator 403.55 MHz TO39
TC0203A TAI-SAW-TC0203A Datasheet
246Kb / 3P
   SAW Resonator 433.420 MHz TO39
TC0143A TAI-SAW-TC0143A Datasheet
240Kb / 3P
   SAW Resonator 303.825 MHz TO39
TC0145A TAI-SAW-TC0145A Datasheet
240Kb / 3P
   SAW Resonator 868.35 MHz TO39
TC0240A TAI-SAW-TC0240A Datasheet
213Kb / 3P
   SAW Resonator 435.7 MHz TO39
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com