Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0233A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0233A
Description  SAW Filter 881.5MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0233A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0233A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0233A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0233A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0233A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0233A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0233A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
E. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
E.OUTLINE DRAWING:
#B : Input
#E : Output
#A,C,D,F : Ground
: Year Code
: Date Code
Unit: mm


Similar Part No. - TA0233A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0233A GOLLEDGE-TA0233A Datasheet
201Kb / 5P
   SAW Filter 881.5MHz
More results

Similar Description - TA0233A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1132A TAI-SAW-TA1132A Datasheet
415Kb / 7P
   SAW Filter 881.5MHz
logo
Golledge Electronics Lt...
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
   SAW Filter 881.5MHz
MA05677 GOLLEDGE-MA05677 Datasheet
201Kb / 5P
   SAW Filter 881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0571A TAI-SAW-TA0571A Datasheet
423Kb / 7P
   SAW Filter 881.5MHz
logo
Abracon Corporation
AFS881.5W01-TS4 ABRACON-AFS881.5W01-TS4 Datasheet
181Kb / 1P
   SMD 881.5MHz SAW FILTER
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
LBT88204 SIPAT-LBT88204 Datasheet
358Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0626A TAI-SAW-TA0626A Datasheet
315Kb / 7P
   SAW Filter 881.5MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT88203 SIPAT-LBT88203 Datasheet
195Kb / 3P
   881.5MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0166A TAI-SAW-TA0166A Datasheet
194Kb / 7P
   SAW Filter 881.5MHz For Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com