Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTM50AM70FT1G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTM50AM70FT1G
Description  Phase leg MOSFET Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50AM70FT1G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTM50AM70FT1G Datasheet HTML 1Page - Microsemi Corporation APTM50AM70FT1G Datasheet HTML 2Page - Microsemi Corporation APTM50AM70FT1G Datasheet HTML 3Page - Microsemi Corporation APTM50AM70FT1G Datasheet HTML 4Page - Microsemi Corporation APTM50AM70FT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTM50AM70FT1G
www.microsemi.com
3 – 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal Resistance
0.32
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance @ 25°C
50
k
Ω
∆R25/R25
5
%
B25/85
T25 = 298.15 K
3952
K
∆B/B
TC=100°C
4
%
⎟⎟
⎜⎜
=
T
T
B
R
R
T
1
1
exp
25
85
/
25
25
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
T: Thermistor temperature
RT: Thermistor value at T


Similar Part No. - APTM50AM70FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50AM17F ADPOW-APTM50AM17F Datasheet
286Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50AM17FG MICROSEMI-APTM50AM17FG Datasheet
281Kb / 6P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50AM19FG MICROSEMI-APTM50AM19FG Datasheet
282Kb / 6P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19ST ADPOW-APTM50AM19ST Datasheet
305Kb / 7P
   Phase leg Schottky Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM50AM70FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
   Phase leg MOSFET Power Module
APTM60A23FT1G MICROSEMI-APTM60A23FT1G Datasheet
193Kb / 5P
   Phase leg MOSFET Power Module
APTM120A65FT1G MICROSEMI-APTM120A65FT1G Datasheet
147Kb / 5P
   Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
   Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
   Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
   Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
   Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
   Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
   Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com