Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6753KV Datasheet(PDF) 1 Page - Rohm

Part # BD6753KV
Description  6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6753KV Datasheet(HTML) 1 Page - Rohm

  BD6753KV Datasheet HTML 1Page - Rohm BD6753KV Datasheet HTML 2Page - Rohm BD6753KV Datasheet HTML 3Page - Rohm BD6753KV Datasheet HTML 4Page - Rohm BD6753KV Datasheet HTML 5Page - Rohm BD6753KV Datasheet HTML 6Page - Rohm BD6753KV Datasheet HTML 7Page - Rohm BD6753KV Datasheet HTML 8Page - Rohm BD6753KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
SystemLensDriverSeriesforDigitalStillCameras/Single-lensReflexCameras
6ch System Lens Drivers
for Digital Still Cameras /
Single-lens Reflex Cameras
BD6373GW,BD6873KN,BD6753KV
Description
The BD6373GW motor driver provides 6 Full-ON Drive H-bridge channels. The BD6873KN motor driver provides 5 Full-ON
Drive H-bridge channels and 1 Linear Constant-Current Drive H-bridge channel, while the BD6753KV provides 4 Full-ON
Drive channels and 2 PWM Constant-Current Drive H-bridge channels.
Stepping motors can be used for auto focus, and either zoom or iris. A new drive type (lens barrier) is also available. Three types of drivers
for shutter are offered: a simple Full-ON type, a high-precision linear constant current type, or a high-efficiency PWM constant current type,
enabling selection of the ideal solution based on the application.
Features
1) Subminiature 31PIN Wafer-level CSP (Chip Size Package): 2.6 x 2.6 x 0.85mm
3 (BD6373GW)
2) DMOS output allowing a range power supply: 4.5V to 10.5V (BD6753KV; VM1), 2.0V to 10.5V (BD6753KV; VM2 to VM4)
3) Low ON-Resistance Power MOS output:
Full-ON Drive block with 1.2Ω Typ. (BD6373GW)
Full-ON Drive block with 1.2Ω Typ. and Linear Constant-Current Drive block with 1.0Ω Typ. (BD6873KN)
Full-ON Drive block with 1.2Ω Typ. and PWM Constant-Current Drive block with 1.2Ω Typ. (BD6753KV)
4) Serial interface 3-line bus control input (BD6753KV)
5) Built-in two-step output current setting switch for the Linear Constant-Current Drive block (BD6873KN)
6) Drive mode switching function
7) 1.2V±3% high-precision reference voltage output (BD6873KN)
8) Constant-Current Drive block features phase compensation capacitor-free design (BD6873KN)
9) Built-in ±3% high-precision Linear Constant-Current Driver (BD6873KN)
10) Built-in peak current control PWM Constant-Current Driver (BD6753KV)
11) Built-in charge pump circuit for the DMOS gate voltage drive (BD6753KV)
12) UVLO (Under Voltage Lockout Protection) function
13) Built-in TSD (Thermal Shut Down) circuit
14) Standby current consumption: 0μA Typ.
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
BD6373GW
BD6873KN
BD6753KV
Power supply voltage
VCC
-0.5 to +6.5
0 to +7.0
-0.5 to +7.0
V
Motor power supply voltage
VM
-0.5 to +6.5
0 to +7.0
-0.5 to +12.5
V
Charge pump voltage
VG
-
-
18.0
V
Control input voltage
VIN
-0.5 to VCC+0.5
0 to VCC
-0.5 to VCC+0.5
V
Power dissipation
Pd
940
1
950
2
1125
3
mW
Operating temperature range
Topr
-25 to +85
-25 to +85
-25 to +75
°C
Junction temperature
Tjmax
+150
+150
+150
°C
Storage temperature range
Tstg
-55 to +150
-55 to +150
-55 to +150
°C
H-bridge output current
Iout
-800 to +800
4
-800 to +800
4
-800 to +800
4
mA/ch
1 Reduced by 7.52mW/°C over 25°C, when mounted on a glass epoxy board (50mm x 58mm x 1.75mm; 8layers).
2 Reduced by 7.6mW/°C over 25°C, when mounted on a glass epoxy board (70mm x 70mm x 1.6mm).
3 Reduced by 9.0mW/°C over 25°C, when mounted on a glass epoxy board (70mm x 70mm x 1.6mm).
4 Must not exceed Pd, ASO, or Tjmax of 150°C.
No.09014EAT02


Similar Part No. - BD6753KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6753KV ROHM-BD6753KV Datasheet
333Kb / 6P
   6ch Stepping Motor Driver
BD6753KV ROHM-BD6753KV Datasheet
1Mb / 20P
   6-Channel System Lens Driver
BD6753KV ROHM-BD6753KV_15 Datasheet
1Mb / 20P
   6-Channel System Lens Driver
More results

Similar Description - BD6753KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com